Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 8Page - Microchip Technology EMC2113_13 Datasheet HTML 9Page - Microchip Technology EMC2113_13 Datasheet HTML 10Page - Microchip Technology EMC2113_13 Datasheet HTML 11Page - Microchip Technology EMC2113_13 Datasheet HTML 12Page - Microchip Technology EMC2113_13 Datasheet HTML 13Page - Microchip Technology EMC2113_13 Datasheet HTML 14Page - Microchip Technology EMC2113_13 Datasheet HTML 15Page - Microchip Technology EMC2113_13 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 12
 2013 Microchip Technology Inc.
The pin types are described in detail below. All pins labelled with (5V) are 5V tolerant.
Note: For all 5V tolerant pins that require a pull-up resistor, the pull-up voltage cannot exceed 3.6V
when the device is unpowered.
8
SMDATA
SMBus data input/output - requires external
pull-up resistor
DIOD (5V)
9
SMCLK
SMBus clock input - requires external pull-up
resistor
DI (5V)
10
TACH
Tachometer input for the Fan
DI (5V)
11
PWM
PWM - Open Drain PWM drive output for the
Fan (default)
OD (5V)
PWM - Push Pull PWM drive output for the
fan
DO
12
GND
Ground
Power
13
SHDN_SEL
Selects the hardware shutdown channel and
operating mode
AIO
14
TRIP_SET
Voltage input to set the Critical/Thermal
Shutdown threshold
AIO
15
DN2 / DP3
DN2 - Negative (cathode) connection for
External Diode 2
AIO
DP3 - Positive (anode) connection for
External Diode 3
AIO
16
DP2 / DN3
DP2 - Positive (anode connection for External
Diode 2
AIO
DN3 - Negative (cathode) connection for
External Diode 3
AIO
Table 3.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
DI
Digital Input - this pin is used as a digital input. This pin is 5V tolerant.
AIO
Analog Input / Output - this pin is used as an I/O for analog signals.
DO
Push / Pull Digital Output - this pin is used as a digital output. It can both source
and sink current.
DIO
Digital Input / Output this pin is used as a digital I/O. It can both source and
sink current.
OD
Open Drain Digital Output - this pin is used as a digital output. It is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
Table 3.1 Pin Description for EMC2113-1 (continued)
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com