Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 59 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 59 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 55Page - Microchip Technology EMC2113_13 Datasheet HTML 56Page - Microchip Technology EMC2113_13 Datasheet HTML 57Page - Microchip Technology EMC2113_13 Datasheet HTML 58Page - Microchip Technology EMC2113_13 Datasheet HTML 59Page - Microchip Technology EMC2113_13 Datasheet HTML 60Page - Microchip Technology EMC2113_13 Datasheet HTML 61Page - Microchip Technology EMC2113_13 Datasheet HTML 62Page - Microchip Technology EMC2113_13 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 59
The Fan Configuration 1 Register controls the general operation of the RPM-based Fan Speed Control
Algorithm used on the PWM pin.
Bit 7 - EN_ALGO - enables the RPM-based Fan Speed Control Algorithm. Based on the setting of the
RPM / PWM bit, this bit is automatically set or cleared when the LUT_LOCK bit is set (see Section
7.34, "Look Up Table Configuration Register").
‘0’ - (default) the control circuitry is disabled and the fan driver output is determined by the Fan
Driver Setting Register.
‘1’ - the control circuitry is enabled and the Fan Driver output will be automatically updated to
maintain the programmed fan speed as indicated by the TACH Target Register.
Bits 6- 5 - RANGE[1:0] - Adjusts the range of reported and programmed tachometer reading values.
The RANGE bits determine the weighting of all TACH values (including the Valid TACH Count, TACH
Target, and TACH reading) as shown in Table 7.33, "Range Decode".
Bits 4-3 - EDGES[1:0] - determines the minimum number of edges that must be detected on the TACH
signal to determine a single rotation. A typical fan measured 5 edges (for a 2-pole fan). For more
accurate tachometer measurement, the minimum number of edges measured may be increased.
Increasing the number of edges measured with respect to the number of poles of the fan will cause
the TACH Reading registers to indicate a fan speed that is higher or lower than the actual speed. In
order for the FSC Algorithm to operate correctly, the TACH Target must be updated by the user to
accommodate this shift. The Effective Tach Multiplier shown in Table 7.34, "Minimum Edges for Fan
Rotation" is used as a direct multiplier term that is applied to the Actual RPM to achieve the Reported
RPM. It should only be applied if the number of edges measured does not match the number of edges
expected based on the number of poles of the fan (which is fixed for any given fan).
Contact Microchip for recommended settings when using fans with more or less than 2 poles.
Bit 2-0 - UPDATE - determines the base time between fan driver updates. The Update Time, along
with the Fan Step Register, is used to control the ramp rate of the drive response to provide a cleaner
Table 7.33 Range Decode
RANGE[1:0]
REPORTED MINIMUM
RPM
TACH COUNT
MULTIPLIER
10
0
0
500
1
0
1
1000 (default)
2
1
0
2000
4
1
1
4000
8
Table 7.34 Minimum Edges for Fan Rotation
EDGES[1:0]
MINIMUM TACH
EDGES
NUMBER OF FAN POLES
EFFECTIVE TACH
MULTIPLIER (BASED ON 2
POLE FANS)
10
0
0
3
1 pole
0.5
0
1
5
2 poles (default)
1
1
0
7
3 poles
1.5
1
1
9
4 poles
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com