Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 6Page - Microchip Technology EMC2113_13 Datasheet HTML 7Page - Microchip Technology EMC2113_13 Datasheet HTML 8Page - Microchip Technology EMC2113_13 Datasheet HTML 9Page - Microchip Technology EMC2113_13 Datasheet HTML 10Page - Microchip Technology EMC2113_13 Datasheet HTML 11Page - Microchip Technology EMC2113_13 Datasheet HTML 12Page - Microchip Technology EMC2113_13 Datasheet HTML 13Page - Microchip Technology EMC2113_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 10
 2013 Microchip Technology Inc.
Chapter 2 Delta from EMC2103
The EMC2113 is compatible with the EMC2103-2 with the following changes:
Removed two GPIOs - Pins 4 and 5 of the EMC2103-2 were GPIO pins. These have been
removed.
Added PWM Input functionality - This functionality allows the user to drive a PWM input into the
EMC2113. The duty cycle of the PWM represents a temperature value and can be used as an input
to the Fan Control Look Up Table.
Added ADDR_SEL functionality - This functionality allows the user to choose one of six SMBus
address options.
Updated Hysteresis within Look Up Table - The Fan Control Look Up Table in the EMC2113 allows
the user to program a different hysteresis value to apply to each temperature input channel instead
of a single hysteresis value that applies to all temperature input channels.
Updated input muxing for the Look Up Table - The Fan Control Look Up Table has more options
over which temperature channel is used for fan control.
Updated HW set shutdown functionality to include option for Internal diode
Added control to disable Ramp Rate control if one or more temperatures exceed the high limit
Added SMBus Block Read and Write capability
Table 2.1 LUT Options
TEMPERATURE INPUT
EMC2113 OPTIONS
Temperature Column 1
External Diode 1 -or- Pushed Temperature 1
Temperature Column 2
External Diode 2
Temperature Column 3
External Diode 3 -or- Pushed Temperature 1
Temperature Column 4
Internal Diode -or- Pushed Temperature 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com