Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 45 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 45 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 41Page - Microchip Technology EMC2113_13 Datasheet HTML 42Page - Microchip Technology EMC2113_13 Datasheet HTML 43Page - Microchip Technology EMC2113_13 Datasheet HTML 44Page - Microchip Technology EMC2113_13 Datasheet HTML 45Page - Microchip Technology EMC2113_13 Datasheet HTML 46Page - Microchip Technology EMC2113_13 Datasheet HTML 47Page - Microchip Technology EMC2113_13 Datasheet HTML 48Page - Microchip Technology EMC2113_13 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 45
7.3
Critical/Thermal Shutdown Temperature Register
The Critical/Thermal Shutdown Temperature Register is a read-only register that stores the Voltage
Programmable Threshold temperature used in the Thermal / Critical Shutdown circuitry. The contents
of the register reflect the calculated temperature determined by the voltage on the TRIP_SET pin (see
Section 6.1.2, "SHDN_SEL Pin").
The data format is shown in Table 7.5, "Critical/Thermal Shutdown Data Format".
7.4
Pushed Temperature Registers
65
0100_0001_000b
41_00h
127
0111_1111_000b
7F_00h
127.875
0111_1111_111b
7F_E0h
Table 7.4 Critical/Thermal Shutdown Temperature Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ah
R
Critical/Thermal
Shutdown
Temperature
128
64
32
16
8
4
2
1
7Fh
(+127°C)
Table 7.5 Critical/Thermal Shutdown Data Format
TEMPERATURE (°C)
BINARY
HEX
0
0000_0000b
00h
1
0000_0001b
01h
63
0011_1111b
3Fh
64
0100_0000b
40h
65
0100_0001b
41h
127
0111_1111b
7Fh
Table 7.6 Pushed Temperature Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ch
R/W
Pushed / Polled
Temperature 1
Sign
64
32
16
8
4
2
1
00h
0Dh
R/W
Pushed / Polled
Temperature 2
Sign
64
32
16
8
4
2
1
00h
Table 7.3 Temperature Data Format (continued)
TEMPERATURE (°C)
BINARY
HEX (AS READ BY
REGISTERS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com