Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 44 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 44 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 40Page - Microchip Technology EMC2113_13 Datasheet HTML 41Page - Microchip Technology EMC2113_13 Datasheet HTML 42Page - Microchip Technology EMC2113_13 Datasheet HTML 43Page - Microchip Technology EMC2113_13 Datasheet HTML 44Page - Microchip Technology EMC2113_13 Datasheet HTML 45Page - Microchip Technology EMC2113_13 Datasheet HTML 46Page - Microchip Technology EMC2113_13 Datasheet HTML 47Page - Microchip Technology EMC2113_13 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 44
 2013 Microchip Technology Inc.
7.2
Temperature Data Registers
The temperature measurement range is from -64°C to +127.875°C. The data format is a signed two’s
complement number as shown in Table 7.3, "Temperature Data Format".
Table 7.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
Sign
64
32
16
8
4
2
1
00h
01h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
02h
R
External
Diode 1 High
Byte
Sign
64
32
16
8
4
2
1
00h
03h
R
External
Diode 1 Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
04h
R
External
Diode 2 High
Byte
Sign
64
32
16
8
4
2
1
00h
05h
R
External
Diode 2 Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
06h
R
External
Diode 3 High
Byte
Sign
64
32
16
8
4
2
1
00h
07h
R
External
Diode 3 Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 7.3 Temperature Data Format
TEMPERATURE (°C)
BINARY
HEX (AS READ BY
REGISTERS)
Diode Fault
1000_0000_000b
80_00h
-63.875
1100_0000_001b
C0_20h
-63
1100_0001_000b
C1_00h
-1
1111_1111_000b
FF_00h
-0.125
1111_1111_111b
FF_E0h
0
0000_0000_000b
00_00h
0.125
0000_0000_001b
00_20h
1
0000_0001_000b
01_00h
63
0011_1111_000b
3F_00h
64
0100_0000_000b
40_00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com