Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2113 Datasheet(PDF) 70 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 70 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 66Page - Microchip Technology EMC2113_13 Datasheet HTML 67Page - Microchip Technology EMC2113_13 Datasheet HTML 68Page - Microchip Technology EMC2113_13 Datasheet HTML 69Page - Microchip Technology EMC2113_13 Datasheet HTML 70Page - Microchip Technology EMC2113_13 Datasheet HTML 71Page - Microchip Technology EMC2113_13 Datasheet HTML 72Page - Microchip Technology EMC2113_13 Datasheet HTML 73Page - Microchip Technology EMC2113_13 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 70
 2013 Microchip Technology Inc.
If the RPM-based Fan Speed Control Algorithm is used, the TACH Target is updated after every
conversion. It is always set to the minimum TACH Target that is stored by the Look Up Table. The
PWM duty cycle is updated based on the RPM-based Fan Speed Control Algorithm configuration
settings.
If the RPM-based Fan Speed Control Algorithm is not used, then the output PWM duty cycle is updated
after every conversion. It is set to the maximum duty cycle that is stored by the Look Up Table.
If the measured temperature reading on all channels is less than the lowest threshold setting minus
the appropriate hysteresis setting, then the Fan driver will be set to 0% duty cycle and the fan will be
disabled.
7.36
Software Lock Register
The Software Lock Register controls the software locking of critical registers. This register is software
locked.
Bit 0 - LOCK - this bit acts on all registers that are designated SWL. When this bit is set, the locked
registers become read only and cannot be updated.
‘0’ (default) - all SWL registers can be updated normally.
‘1’ - all SWL registers cannot be updated and a hard-reset is required to unlock them.
7.37
Product Features Register
The Product Features Register indicates which pin selected functionality is enabled.
Bits 5-3 - ADDR_SEL[2:0] - Indicates the address that is decoded by the ADDR_SEL pin as shown in
Table 7.55, "ADDR_SEL[2:0] Encoding".
Table 7.53 Software Lock
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
EFh
R/W
Software
Lock
-
-
-
-
-
-
-
LOCK
00h
Table 7.54 Product Features Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FCh
R
Product
Features
-
-
ADDR_SEL[2:0]
SHDN_SEL[2:0]
00h
Table 7.55 ADDR_SEL[2:0] Encoding
ADDR_SEL[2:0]
SMBUS ADDRESS
210
0
0
0
0101_100(r/w)
0
0
1
0101_101(r/w)
0
1
0
0101_110(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com