Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL5146CSZ Datasheet HTML 1Page - Intersil Corporation EL5146CSZ Datasheet HTML 2Page - Intersil Corporation EL5146CSZ Datasheet HTML 3Page - Intersil Corporation EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . . .+6V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5V to VS +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, CE = +2V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
dG
Differential Gain Error (Note 1)
G = 2, RL = 150Ω to 2.5V, RF = 1kΩ
0.1
%
dP
Differential Phase Error (Note 1)
G = 2, RL = 150Ω to 2.5V, RF = 1kΩ
0.1
°
BW
Bandwidth
-3dB, G = 1, RL = 10kΩ, RF = 0
100
MHz
-3dB, G = 1, RL = 150Ω, RF = 0
60
MHz
BW1
Bandwidth
±0.1dB, G = 1, RL = 150Ω to GND, RF = 0
8
MHz
GBWP
Gain Bandwidth Product
60
MHz
SR
Slew Rate
G = 1, RL = 150Ω to GND, RF = 0, VO = 0.5V
to 3.5V
150
200
V/µs
tS
Settling Time
to 0.1%, VOUT = 0V to 3V
35
ns
DC PERFORMANCE
AVOL
Open Loop Voltage Gain
RL = no load, VOUT = 0.5V to 3V
54
65
dB
RL = 150Ω to GND, VOUT = 0.5V to 3V
40
50
dB
VOS
Offset Voltage
VCM = 1V, SOT23-5 and MSOP packages
25
mV
VCM = 1V, All other packages
15
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
10
mV/°C
IB
Input Bias Current
VCM = 0V & 3.5V
2
100
nA
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
CMRR ≥ 47dB
0
3.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0 to 3.0V
50
60
dB
DC, VCM = 0 to 3.5V
47
60
dB
RIN
Input Resistance
1.5
G
Ω
CIN
Input Capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VOP
Positive Output Voltage Swing
RL = 150Ω to 2.5V (Note 2)
4.70
4.85
V
RL = 150Ω to GND (Note 2)
4.20
4.65
V
RL = 1kΩ to 2.5V (Note 2)
4.95
4.97
V
VON
Negative Output Voltage Swing
RL = 150Ω to 2.5V (Note 2)
0.15
0.30
V
RL = 150Ω to GND (Note 2)
0
V
RL = 1kΩ to 2.5V (Note 2)
0.03
0.05
V
+IOUT
Positive Output Current
RL = 10Ω to 2.5V
60
90
120
mA
-IOUT
Negative Output Current
RL = 10Ω to 2.5V
-50
-65
-80
mA
ENABLE (EL5146 & EL5246 ONLY)
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com