Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button EL5146CSZ Datasheet HTML 11Page - Intersil Corporation EL5146CSZ Datasheet HTML 12Page - Intersil Corporation EL5146CSZ Datasheet HTML 13Page - Intersil Corporation EL5146CSZ Datasheet HTML 14Page - Intersil Corporation EL5146CSZ Datasheet HTML 15Page - Intersil Corporation EL5146CSZ Datasheet HTML 16Page - Intersil Corporation EL5146CSZ Datasheet HTML 17Page - Intersil Corporation EL5146CSZ Datasheet HTML 18Page - Intersil Corporation EL5146CSZ Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
relative to the GND pin. Letting the CE pin float will enable
the amplifier. Hence, the 8-pin PDIP and SOIC single amps
are pin compatible with standard amplifiers that don’t have a
power down feature.
Short Circuit Current Limit
The EL5144 series amplifiers do not have internal short
circuit protection circuitry. Short circuit current of 90mA
sourcing and 65mA sinking typically will flow if the output is
trying to drive high or low but is shorted to half way between
the rails. If an output is shorted indefinitely, the power
dissipation could easily increase such that the part will be
destroyed. Maximum reliability is maintained if the output
current never exceeds
±50mA. This limit is set by internal
metal interconnect limitations. Obviously, short circuit
conditions must not remain or the internal metal connections
will be destroyed.
Power Dissipation
With the high output drive capability of the EL5144 series
amplifiers, it is possible to exceed the 150
°C Absolute
Maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if load conditions or package type need to be
modified for the amplifier to remain in the safe operating
area.
The maximum power dissipation allowed in a package is
determined according to:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
where:
N = Number of amplifiers in the package
VS = Total supply voltage
ISMAX = Maximum supply current per amplifier
VOUT = Maximum output voltage of the application
RL = Load resistance tied to ground
If we set the two PDMAX equations equal to each other, we
can solve for RL:
Assuming worst case conditions of TA = +85°C,
VOUT =VS/2V, VS = 5.5V, and ISMAX = 8.8mA per amplifier,
below is a table of all packages and the minimum RL
allowed.
EL5144 Series Comparator Application
The EL5144 series amplifier can be used as a very fast,
single supply comparator. Most op amps used as a
comparator allow only slow speed operation because of
output saturation issues. The EL5144 series amplifier
doesn’t suffer from output saturation issues. Figure 3 shows
the amplifier implemented as a comparator. Figure 4 is a
PD
MAX
T
JMAX - TAMAX
θ
JA
---------------------------------------------
=
PD
MAX
NV
S
I
SMAX
V
S
(
- V
OUT )
V
OUT
R
L
----------------
×
+
×
×
=
PART
PACKAGE
MINIMUM RL
EL5144CW
SOT23-5
37
EL5146CS
SOIC-8
21
EL5146CN
PDIP-8
14
EL5244CS
SOIC-8
48
EL5244CN
PDIP-8
30
EL5244CY
MSOP-8
69
EL5246CY
MSOP-10
69
EL5246CS
SOIC-14
34
EL5246CN
PDIP-14
23
EL5444CU
QSOP-16
139
EL5444CS
SOIC-14
85
EL5444CN
PDIP-14
51
R
L
V
OUT
V
S - VOUT
()
×
T
JMAX - TAMAX
N
θ
JA
×
---------------------------------------------



- V
S
I
SMAX
×
()
----------------------------------------------------------------------------------------------
=
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com