Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation EL5146CSZ Datasheet HTML 10Page - Intersil Corporation EL5146CSZ Datasheet HTML 11Page - Intersil Corporation EL5146CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Typical Performance Curves (Continued)
Output Voltage Swing vs Frequency for THD < 1%
Output Voltage Swing vs Frequency for THD < 0.1%
Closed Loop Output Impedance vs Frequency
PSRR and CMRR vs Frequency
Offset Voltage vs Die Temperature
(6 Typical Samples)
Voltage Noise vs Frequency - Video Amp
10k
1k
100
10
10
100
10k
100M
Frequency (Hz)
1M
1k
100k
10M
20
2
0.2
200
10k
10M
Frequency (Hz)
100M
100k
1M
RF=0Ω
AV=2
6
12
-6
0
-12
-55
65
Die Temperature (°C)
145
-15
105
25
1k
10M
Frequency (Hz)
100M
100k
1M
10k
-20
0
-60
-40
-80
20
PSRR+
CMRR
PSRR-
3
4
1
2
0
5
1M
10M
Frequency (Hz)
100M
RL=150Ω to 2.5V
RL=500Ω to 2.5V
RF=1kΩ
AV=2
3
4
1
2
0
5
1M
10M
Frequency (Hz)
100M
RF=1kΩ
AV=2
RL=150Ω to 2.5V
RL=500Ω to 2.5V
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com