Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5146CSZ Datasheet HTML 1Page - Intersil Corporation EL5146CSZ Datasheet HTML 2Page - Intersil Corporation EL5146CSZ Datasheet HTML 3Page - Intersil Corporation EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN7177.1
EL5144, EL5146, EL5244, EL5246, EL5444
100MHz Single-Supply Rail-to-Rail
Amplifiers
The EL5144 series amplifiers are voltage-feedback, high
speed, rail-to-rail amplifiers designed to operate on a single
+5V supply. They offer unity gain stability with an unloaded -
3dB bandwidth of 100MHz. The input common-mode voltage
range extends from the negative rail to within 1.5V of the
positive rail. Driving a 75
Ω double terminated coaxial cable,
the EL5144 series amplifiers drive to within 150mV of either
rail. The 200V/µs slew rate and 0.1%/0.1
° differential
gain/differential phase makes these parts ideal for composite
and component video applications. With their voltage-
feedback architecture, these amplifiers can accept reactive
feedback networks, allowing them to be used in analog
filtering applications These amplifiers will source 90mA and
sink 65mA.
The EL5146 and EL5246 have a power-savings disable
feature. Applying a standard TTL low logic level to the CE
(Chip Enable) pin reduces the supply current to 2.6µA within
10ns. Turn-on time is 500ns, allowing true break-before-
make conditions for multiplexing applications. Allowing the
CE pin to float or applying a high logic level will enable the
amplifier.
For applications where board space is critical, singles are
offered in a 5-pin SOT-23 package, duals in 8- and 10-pin
MSOP packages, and quads in a 16-pin QSOP package.
Singles, duals, and quads are also available in industry-
standard pinouts in SO and PDIP packages. All parts
operate over the industrial temperature range of -40
°C to
+85
°C.
Features
• Rail-to-rail output swing
• -3dB bandwidth = 100MHz
• Single-supply +5V operation
• Power-down to 2.6µA
• Large input common-mode range 0V < VCM < 3.5V
• Diff gain/phase = 0.1%/0.1°
• Low power 35mW per amplifier
• Space-saving SOT23-5, MSOP8 & 10, & QSOP16
packages
•
Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• 5V analog signal processing
• Multiplexers
• Line drivers
• Portable computers
• High speed communications
• Sample & hold amplifiers
• Comparators
Data Sheet
April 13, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5146CSZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5146CSZ RENESAS-EL5146CSZ Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
EL5146CSZ-T13 RENESAS-EL5146CSZ-T13 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
EL5146CSZ-T7 RENESAS-EL5146CSZ-T7 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5146CSZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com