Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL5146CSZ Datasheet HTML 1Page - Intersil Corporation EL5146CSZ Datasheet HTML 2Page - Intersil Corporation EL5146CSZ Datasheet HTML 3Page - Intersil Corporation EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
s
Pinouts
EL5144
(5-PIN SOT-23)
TOP VIEW
EL5146 & EL5146
(8-PIN SO, PDIP)
TOP VIEW
EL5244
(8-PIN SOIC, PDIP, MSOP)
TOP VIEW
EL5246
(10-PIN MSOP)
TOP VIEW
EL5246
(14-PIN SOIC, PDIP)
TOP VIEW
EL5444
(14-PIN SOIC, PDIP)
TOP VIEW
EL5444
(16-PIN QSOP)
TOP VIEW
1
2
3
5
4
-
+
OUT
GND
IN+
VS
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
GND
CE
VS
OUT
NC
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
GND
INB+
VS
OUTA
-
+
1
2
3
4
6
5
10
9
8
7
-
+
-
+
INA-
OUTA
VS
OUTB
INB-
INA+
CEA
GND
CEB
INB+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
NC
OUTA
INA-
OUTB
NC
INB-
VS
NC
CEA
INA+
CEB
NC
INB+
GND
1
2
3
4
14
13
12
11
5
6
7
10
9
8
INA-
INA+
OUTA
INB+
INB-
OUTB
VS
IND+
IND-
OUTD
INC-
INC+
OUTC
GND
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
IND+
IND-
GND
OUTD
INC-
INC+
OUTC
GND
INA-
INA+
VS
OUTA
INB+
INB-
OUTB
VS
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com