Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5146CSZ Datasheet HTML 2Page - Intersil Corporation EL5146CSZ Datasheet HTML 3Page - Intersil Corporation EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation EL5146CSZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Typical Performance Curves
Inverting Frequency Response (Gain)
Inverting Frequency Response (Phase)
Non-Inverting Frequency Response (Gain)
1M
10M
0
Frequency (Hz)
2
Non-Inverting Frequency Response (Phase)
3dB Bandwidth vs Die Temperature for Various Gains
3dB Bandwidth vs Die Temperature for Various Gains
AV=5.6, RF=1kΩ
AV=1, RF=0Ω
-4
-2
-8
-6
100M
1M
10M
Frequency (Hz)
100M
AV=2, RF=1kΩ
VCM=1.5V
RL=150Ω
AV=5.6, RF=1kΩ
AV=1, RF=0Ω
AV=2, RF=1kΩ
-45
0
-135
-90
-180
VCM=1.5V
RL=150Ω
1M
10M
Frequency (Hz)
100M
0
2
-4
-2
-8
-6
AV=-5.6
AV=-1
AV=-2
VCM=1.5V
RF=1kΩ
RL=150Ω
1M
10M
Frequency (Hz)
100M
135
180
45
90
0
AV=-5.6
VCM=1.5V
RF=1kΩ
RL=150Ω
AV=-1
AV=-2
-55
25
Die Temperature (°C)
145
-15
65
105
80
100
40
60
0
20
AV=1, RF=0Ω
AV=2, RF=1kΩ
AV=5.6, RF=1kΩ
RL=150Ω
-55
25
Die Temperature (°C)
145
-15
65
105
120
150
60
90
0
30
RL=10kΩ
AV=1, RF=0Ω
AV=2, RF=1kΩ
AV=5.6, RF=1kΩ
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com