Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button EL5146CSZ Datasheet HTML 11Page - Intersil Corporation EL5146CSZ Datasheet HTML 12Page - Intersil Corporation EL5146CSZ Datasheet HTML 13Page - Intersil Corporation EL5146CSZ Datasheet HTML 14Page - Intersil Corporation EL5146CSZ Datasheet HTML 15Page - Intersil Corporation EL5146CSZ Datasheet HTML 16Page - Intersil Corporation EL5146CSZ Datasheet HTML 17Page - Intersil Corporation EL5146CSZ Datasheet HTML 18Page - Intersil Corporation EL5146CSZ Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
graph of propagation delay vs. overdrive as a square wave is
presented at the input of the comparator.
Multiplexing with the EL5144 Series Amplifier
Besides normal power down usage, the CE pin on the
EL5146 and EL5246 series amplifiers also allow for
multiplexing applications. Figure 5 shows an EL5246 with its
outputs tied together, driving a back terminated 75
Ω video
load. A 3VP-P 10MHz sine wave is applied at Amp A input,
and a 2.4VP-P 5MHz square wave to Amp B. Figure 6
shows the SELECT signal that is applied, and the resulting
output waveform at VOUT. Observe the break-before-make
operation of the multiplexing. Amp A is on and VIN1 is being
passed through to the output of the amplifier. Then Amp A
turns off in about 10ns. The output decays to ground with an
RLCL time constants. 500ns later, Amp B turns on and VIN2
is passed through to the output. This break-before-make
operation ensures that more than one amplifier isn’t trying to
drive the bus at the same time. Notice the outputs are tied
directly together. Isolation resistors at each output are not
necessary.
Free Running Oscillator Application
Figure 7 is an EL5144 configured as a free running oscillator.
To first order, ROSC and COSC determine the frequency of
oscillation according to:
For rail to rail output swings, maximum frequency of
oscillation is around 15MHz. If reduced output swings are
acceptable, 25MHz can be achieved. Figure 8 shows the
1
2
3
4
8
7
6
5
+
–
-
+
EL5146
+5V
VIN
+2.5V
VOUT
RL
0.1µF
Propagation Delay vs. Overdrive for Amplifier
Used as a Comparator
0.01
0.1
1.0
10
100
1000
Overdrive (V)
Negative Going Signal
Positive Going Signal
FIGURE 3.
FIGURE 4.
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
Select
+5V
VOUT
150
Ω
VIN 1
3VPP
10MHz
0.1µF
4.7µF
VIN 2
2.4VPP
5MHz
EL5246
0V
5V
FIGURE 6.
VOUT
Select
0V
5V
FIGURE 5.
F
OSC
0.72
R
OSC
C
OSC
×
---------------------------------------
=
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com