Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5146CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5146CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5146CSZ Datasheet HTML 3Page - Intersil Corporation EL5146CSZ Datasheet HTML 4Page - Intersil Corporation EL5146CSZ Datasheet HTML 5Page - Intersil Corporation EL5146CSZ Datasheet HTML 6Page - Intersil Corporation EL5146CSZ Datasheet HTML 7Page - Intersil Corporation EL5146CSZ Datasheet HTML 8Page - Intersil Corporation EL5146CSZ Datasheet HTML 9Page - Intersil Corporation EL5146CSZ Datasheet HTML 10Page - Intersil Corporation EL5146CSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Typical Performance Curves (Continued)
Group Delay vs Frequency
Frequency Response for Various RL
Frequency Response for Various CL
Frequency Response for Various RF and RG
Open Loop Gain and Phase vs Frequency
Open Loop Voltage Gain vs Die Temperature
VCM=1.5V
RF=0Ω
AV=1
RL=10kΩ
RL=520Ω
RL=150Ω
1M
10M
Frequency (Hz)
100M
2
4
-2
0
-4
1M
10M
Frequency (Hz)
100M
4
8
-4
0
-8
CL=100pF
CL=47pF
CL=22pF
CL=0pF
VCM=1.5V
RL=150Ω
AV=1
RF=RG=2kΩ
RF=RG=1kΩ
RF=RG=560Ω
1M
10M
Frequency (Hz)
100M
0
2
-4
-2
-6
VCM=1.5V
RL=150Ω
AV=2
AV=2
RF=1kΩ
AV=1
RF=1Ω
1M
10M
Frequency (Hz)
100M
6
8
2
4
0
10
RL=1kΩ
RL=150Ω
Phase
Gain
90
45
180
135
225
0
60
80
20
40
0
1k
1M
Frequency (Hz)
100M
10k
10M
100k
RL=150Ω
No Load
60
70
40
50
30
80
-55
65
Die Temperature (°C)
145
-15
105
25
EL5144, EL5146, EL5244, EL5246, EL5444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com