Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 117Page - Texas Instruments TMS320VC5502 Datasheet HTML 118Page - Texas Instruments TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 189 page
background image
www.ti.com
3.17.1
IFR and IER Registers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-77. Interrupt Table (continued)
SOFTWARE
LOCATION
NAME
(TRAP)
PRIORITY
FUNCTION
(HEX BYTES)
EQUIVALENT
DSPINT
SINT10
50
14
Interrupt from host
INT3/WDTINT(1)
SINT11
58
15
External interrupt #3 or Watchdog timer interrupt
RINT2
SINT12
60
17
McBSP #2 receive interrupt
XINT2
SINT13
68
18
McBSP #2 transmit interrupt
DMAC4
SINT14
70
21
DMA Channel #4 interrupt
DMAC5
SINT15
78
22
DMA Channel #5 interrupt
INT1
SINT16
80
4
External interrupt #1
XINT0
SINT17
88
8
McBSP #0 transmit interrupt
DMAC0
SINT18
90
12
DMA Channel #0 interrupt
–
SINT19
98
16
Software interrupt #19
DMAC2
SINT20
A0
19
DMA Channel #2 interrupt
DMAC3
SINT21
A8
20
DMA Channel #3 interrupt
TINT1
SINT22
B0
23
Timer #1 interrupt
IIC
SINT23
B8
24
I2C interrupt
BERR
SINT24
C0
2
Bus Error interrupt
DLOG
SINT25
C8
25
Data Log interrupt
RTOS
SINT26
D0
26
Real-time Operating System interrupt
–
SINT27
D8
27
Software interrupt #27
–
SINT28
E0
28
Software interrupt #28
–
SINT29
E8
29
Software interrupt #29
–
SINT30
F0
30
Software interrupt #30
SINT31
F8
31
Software interrupt #31
(1)
WDTINT is generated only when the WDT interrupt pin is connected to INT3 through the TSSR.
The Interrupt Enable Registers (IER0 and IER1) control which interrupts will be masked or enabled during
normal operation. The Interrupt Flag Registers (IFR0 and IFR1) contain flags that indicate interrupts that
are currently pending.
The Debug Interrupt Enable Registers (DBIER0 and DBIER1) are used only when the CPU is halted in the
real-time emulation mode. If the CPU is running in real-time mode, the standard interrupt processing
(IER0/1) is used and DBIER0/1 are ignored.
A maskable interrupt enabled in DBIER0/1 is defined as a time-critical interrupt. When the CPU is halted
in the real-time mode, the only interrupts that are serviced are time-critical interrupts that are also enabled
in an interrupt enable register (IER0 or IER1).
Write the DBIER0/1 to enable or disable time-critical interrupts. To enable an interrupt, set its
corresponding bit. To disable an interrupt, clear its corresponding bit. Initialize these registers before using
the real-time emulation mode.
A DSP hardware reset clears IFR0/1, IER0/1, and DBIER0/1 to 0. A software reset instruction clears
IFR0/1 to 0 but does not affect IER0/1 and DBIER0/1.
Functional Overview
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com