Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments TMS320VC5502 Datasheet HTML 127Page - Texas Instruments TMS320VC5502 Datasheet HTML 128Page - Texas Instruments TMS320VC5502 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 189 page
background image
www.ti.com
4
Support
4.1
Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
4.1.1
Initialization Requirements for Boundary Scan Test
4.1.2
Boundary Scan Description Language (BSDL) Model
4.2
Documentation Support
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The TMS320VC5502 uses the JTAG port for boundary scan tests, emulation capability and factory test
purposes. To use boundary scan test, the EMU0 and EMU1/OFF pins must be held HIGH through a rising
edge of the TRST signal prior to the first scan. This operation selects the appropriate TAP control for
boundary scan. If at any time during a boundary scan test a rising edge of TRST occurs when EMU0 or
EMU1/OFF are not high, a factory test mode may be selected preventing boundary scan test from being
completed. For this reason, it is recommended that EMU0 and EMU1/OFF be pulled or driven high at all
times during boundary scan test.
BSDL models are available on the web in the TMS320VC5502 product folder under the “simulation
models” section.
Extensive documentation supports all TMS320™ DSP family of devices from product announcement
through applications development. The following types of documentation are available to support the
design and use of the TMS320C5000™ platform of DSPs:
• Device-specific data sheets
• Complete user's guides
• Development support tools
• Hardware and software application reports
• MicroStar BGA™ Packaging Reference Guide (literature number SSYZ015)
TMS320C55x reference documentation that includes, but is not limited to, the following:
• TMS320C55x DSP CPU Reference Guide (literature number SPRU371)
• TMS320C55x DSP Mnemonic Instruction Set Reference Guide (literature number SPRU374)
• TMS320C55x DSP Algebraic Instruction Set Reference Guide (literature number SPRU375)
• TMS320C55x DSP Programmer's Guide (literature number SPRU376)
• TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280)
• TMS320VC5501/5502 DSP Instruction Cache Reference Guide (literature number SPRU630)
• TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618)
• TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module Reference Guide
(literature number SPRU146)
• TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)
• TMS320VC5501/5502 DSP Direct Memory Access (DMA) Controller Reference Guide (literature
number SPRU613)
• TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Refer-
ence Guide (literature number SPRU592)
• TMS320VC5501/5502 DSP External Memory Interface (EMIF) Reference Guide (literature number
SPRU621)
• TMS320VC5501/5502 DSP Universal Asynchronous Receiver/Transmitter (UART) Reference Guide
(literature number SPRU597)
• TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon Errata (literature number
SPRZ020D or later)
• TMS320VC5501/02 Power Consumption Summary Application Report (literature number SPRA993)
Support
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com