Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 45Page - Infineon Technologies AG TLE9832 Datasheet HTML 46Page - Infineon Technologies AG TLE9832 Datasheet HTML 47Page - Infineon Technologies AG TLE9832 Datasheet HTML 48Page - Infineon Technologies AG TLE9832 Datasheet HTML 49Page - Infineon Technologies AG TLE9832 Datasheet HTML 50Page - Infineon Technologies AG TLE9832 Datasheet HTML 51Page - Infineon Technologies AG TLE9832 Datasheet HTML 52Page - Infineon Technologies AG TLE9832 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
TLE9832
Functional Description
Data Sheet
49
Rev. 1.1, 2012-03-08
3.18
Measurement Unit
The measurement unit is a functional unit that comprises the following associated sub-modules:
•
1 x 8 Bit ADC (ADC2) with 10 inputs. 5 are for single ended input signals and 5 are for differential input signals.
•
Monitoring inputs voltage attenuators with two selectable attenuation settings: divide by 4 and divide by 6
•
Supply voltage attenuators with attenuation of VBAT_SENSE, VS, VDDP and VDDC.
•
VBG monitoring of 8-Bit ADC (ADC2) to guarantee functional safety requirements.
•
Low Side Switch current sensing of LS1 and LS2. Allows a scalable overcurrent pre warning.
•
Temperature sensor for monitoring the chip temperature and Low Side Switches temperature.
•
Supplement block with reference voltage generation, bias current generation, voltage buffer for Flash
reference voltage, voltage buffer for analog module reference voltage and test interface.
The structure of the measurement functions module is shown in Figure 29.
Table 10
Measurement functions and associated modules
Module
Name
Modules
Functions
Central Functions
Unit
Bandgap reference circuit
The bandgap-reference sub-module provides two
reference voltages
1. a trimmable reference voltage for the 8-Bit ADC. A local
dedicated bandgap circuit is implemented to avoid
deterioration of the reference voltage arising e.g. from
crosstalk or ground voltage shift.
2. the reference voltage for the Flash module
8-Bit ADC (ADC2) 8-Bit ADC module with 10
multiplexed inputs
1. 5 single-ended inputs 0 ... 1.23V
2. 5 differential inputs 0 ... 1.23V
(allocation see following overview figure)
10-Bit ADC
(ADC1)
10-Bit ADC module including analog
test bus interface - part of µC
subsystem
1. VBAT_SENSE measurement on channel 0 of ADC1.
2. VS measurement on channel 2 of ADC1.
3. MONx measurement on channel 6 of ADC1.
4. 5 additional (5V) analog inputs from Port 2.
Supply Voltage
Attenuator
Resistive supply voltage attenuator Scales down the supply voltages of the system to the input
voltage range of ADC1 and ADC2.
Monitoring Input
Attenuator
Resistive attenuator for (HV)
Scales down 5 monitoring input voltages to the input
voltage range of the ADC1.
Central
Temperature -
Low Side Switch
Temperature
Sensor
Temperature sensor readout with
two multiplexed ∆
V
be sensing
elements
Generates outputs voltage which is a linear function of the
local chip (junction) temperature.
Measurement
Core Module
Digital signal processing and ADC
control unit
1. Generates the control signal for the 8-Bit ADC2 and the
synchronous clock for the switched capacitor circuits,
2. Performs digital signal processing functions and
provides status outputs for interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com