Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 15Page - Infineon Technologies AG TLE9832 Datasheet HTML 16Page - Infineon Technologies AG TLE9832 Datasheet HTML 17Page - Infineon Technologies AG TLE9832 Datasheet HTML 18Page - Infineon Technologies AG TLE9832 Datasheet HTML 19Page - Infineon Technologies AG TLE9832 Datasheet HTML 20Page - Infineon Technologies AG TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG TLE9832 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
TLE9832
Functional Description
Data Sheet
19
Rev. 1.1, 2012-03-08
3.1
Power Management Unit (PMU)
The purpose of the power management unit is to ensure the fail safe behavior of embedded automotive systems.
Therefore the power management unit controls all system modes including the corresponding transitions. The
power management unit is responsible for generating all required voltage supplies for the embedded MCU (VDDC,
VDDP) and the external sensor supply (VDDEXT). Additionally, the PMU provides well defined sequences for the
system mode transitions and generates hierarchical reset priorities. The reset priorities control the reset behavior
of all system functionalities, especially the reset behavior of the embedded MCU, including the test hardware. All
these functions are controlled by finite state machines. The system master functionality of the PMU forces the
generation of an independent logic supply (Power Down Supply) and system clock (LP_CLK). Therefore the PMU
needs a module internal logic supply and system clock which works independently of the MCU clock.
The following state diagram shows the available modes of the device.
Figure 4
Power Management Unit System Modes
start-up
active
stop
sleep
Vs > 3V
stop
command
(from MCU)
LIN-wake |
MON-wake |
GPIO-wake |
cyclic _wake |
PMU_PIN = 1 |
SUP_TMOUT = 1
Sleep command (from MCU) |
WDT1_SEQ_FAIL = 1
VDDC =stable &
error_supp<5
VDDC = fail
error_sup=5
PMU_PIN = 1 |
PMU_SOFT = 1 |
(PMU_Ext_WDT = 1 &
WDT1_SEQ_FAIL= 0)
LIN-wake |
MON-wake |
cyclic _wake
PMU_System _Modes _Cus.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com