Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 68Page - Infineon Technologies AG TLE9832 Datasheet HTML 69Page - Infineon Technologies AG TLE9832 Datasheet HTML 70Page - Infineon Technologies AG TLE9832 Datasheet HTML 71Page - Infineon Technologies AG TLE9832 Datasheet HTML 72Page - Infineon Technologies AG TLE9832 Datasheet HTML 73Page - Infineon Technologies AG TLE9832 Datasheet HTML 74Page - Infineon Technologies AG TLE9832 Datasheet HTML 75Page - Infineon Technologies AG TLE9832 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
72
Rev. 1.1, 2012-03-08
Input leakage current
(all other)
I
OZ2
-15
–
+15
µA
T
J ≤ 150°C,
0.45 V <
V
IN
<
V
DDP
P_5.5.12
Pull level keep current
I
PLK
-240
–
+240
µA
6) V
PIN ≥ VIH (up)
V
PIN ≤ VIL (dn)
P_5.5.13
Pull level force current
I
PLF
-1.5
–
+1.5
mA
6) V
PIN ≤ VIL (up)
V
PIN ≥ VIH (dn)
P_5.5.14
Pin capacitance
(digital inputs/outputs)
C
IO
–
–
10
pF
–
P_5.5.15
1) Not subject to production test, specified by design.
2) The maximum deliverable output current of a port driver depends on the selected output driver mode. The limit for pin
groups must be respected.
3) As a rule, with decreasing output current the output levels approach the respective supply level (
V
OL→GND, VOH→VDDP).
However, only the levels for nominal output currents are verified.
4) This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float
and the voltage is determined by the external circuit.
5) The given values are worst-case values. In production test, this leakage current is only tested at 125°C; other values are
ensured by correlation. For derating, please refer to the following descriptions:
Leakage derating depending on temperature (
T
J = junction temperature [°C]):
I
OZ = 0.05 × e
(1.5 + 0.028×TJ) [μA]. For example, at a temperature of 95°C the resulting leakage current is 3.2 μA.
Leakage derating depending on voltage level (∆V =
V
DDP - VPIN [V]):
I
OZ = IOZtempmax - (1.6 × ∆V) [μA]
This voltage derating formula is an approximation which applies for maximum temperature.
6) Keep current: Limit the current through this pin to the indicated value so that the enabled pull device can keep the default
pin level:
V
PIN ≥ VIH for a pull-up; VPIN ≤ VIL for a pull-down.
Force current: Drive the indicated minimum current through this pin to change the default pin level driven by the enabled
pull device:
V
PIN ≤ VIL for a pull-up; VPIN≥ VIH for a pull-down.
These values apply to the fixed pull-devices in dedicated pins and to the user-selectable pull-devices in general purpose
IO pins.
Table 26
DC Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com