Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG TLE9832 Datasheet HTML 23Page - Infineon Technologies AG TLE9832 Datasheet HTML 24Page - Infineon Technologies AG TLE9832 Datasheet HTML 25Page - Infineon Technologies AG TLE9832 Datasheet HTML 26Page - Infineon Technologies AG TLE9832 Datasheet HTML 27Page - Infineon Technologies AG TLE9832 Datasheet HTML 28Page - Infineon Technologies AG TLE9832 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
TLE9832
Functional Description
Data Sheet
25
Rev. 1.1, 2012-03-08
3.2
System Control Unit
3.2.1
System Control Unit - Power Modules
The System Control Unit of the power modules consists of the following sub-modules:
•
Reset Control Unit (RCU): generation of all required subsystem resets
•
Clock Generation Unit (CGU): providing all required clocks to the analog subsystem
•
Interrupt Control Unit (ICU): all system relevant interrupt flags and status flags
•
Power Control Unit (PCU): takes over control when device enters and exits Sleep Mode and Stop Mode
•
System Status Unit (SSU): controls mode changes due to system failures
•
External Watchdog (WDT1): independent system watchdog to monitor system activity
Figure 9
Block Diagram of System Control Unit - Power Modules
System Control Unit-Power Modules
PCU
CGU
SSU
RCU
WDT1
Reset_Type_0
I
N
T
E
R
N
A
L
B
U
S
Reset_Type_1
Reset_Type_2
Reset_Type_3
Reset_Type_4
XSFR-BPI
fsys
On signals to analog
peripherals; status
signals from analog
peripherals
LP_CLK
mi_clk
clk_2mhz
XINT
ICU
PREWARN_SUP_NMI
all STS bits from
analog peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com