Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 14Page - Infineon Technologies AG TLE9832 Datasheet HTML 15Page - Infineon Technologies AG TLE9832 Datasheet HTML 16Page - Infineon Technologies AG TLE9832 Datasheet HTML 17Page - Infineon Technologies AG TLE9832 Datasheet HTML 18Page - Infineon Technologies AG TLE9832 Datasheet HTML 19Page - Infineon Technologies AG TLE9832 Datasheet HTML 20Page - Infineon Technologies AG TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
TLE9832
Functional Description
Data Sheet
18
Rev. 1.1, 2012-03-08
Wake-up Source Prioritization
All wake-up sources have the same priority. In order to handle the asynchronous nature of the wake-up sources,
the first wake-up signal will initiate the wake-up sequence. Nevertheless all wake-up sources are latched in order
to provide all wake-up events to the application software. The software can clear the wake-up source flags. It is
ensured, that no wake-up event is lost.
As default wake-up sources, the LIN and MON inputs are activated after power-on reset only. GPIO ports as wake-
up sources are disabled by default after power-on reset. The application software can reconfigure the wake-up
sources according to the application needs.
Wake-up Levels and Transitions
The wake-up can be triggered by rising, falling or both signal edges for each monitor and GPIO input individually.
CYCLIC Modes
n.a.
cyclic wake-up/
cyclic sense/OFF
cyclic wake-up/
cyclic sense/OFF
cyclic sense with HS,
VDDEXT; wake-up
from cyclic wake
needs MC for
entering Sleep Mode /
Stop Mode again
Measurement Unit
ON1)
OFF
OFF
–
MCU
ON/slow-
down/HALT
STOP2)
OFF
–
CLOCK GEN (MC)
ON
OFF
OFF
–
LP_CLK (20 MHz)
ON
OFF
OFF
WDT1
LP_CLK2 (100 kHz)
ON
ON
ON
for cyclic wake-up
1) Cannot not be switched off due to safety reasons
2) MC PLL clock disabled, MC supply reduced to 0.9 V
Table 4
Power mode configurations
Module/function
Active Mode Stop Mode
Sleep Mode
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com