Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG TLE9832 Datasheet HTML 90Page - Infineon Technologies AG TLE9832 Datasheet HTML 91Page - Infineon Technologies AG TLE9832 Datasheet HTML 92Page - Infineon Technologies AG TLE9832 Datasheet HTML 93Page - Infineon Technologies AG TLE9832 Datasheet HTML 94Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
Data Sheet
91
Rev. 1.1, 2012-03-08
TLE9832
Package Outlines
6
Package Outlines
Figure 33
Package outline TLE9832QV, VQFN-48-22
Figure 34
Package outline TLE9832QX, VQFN-48-29
Notes
1. You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”:
http://www.infineon.com/products.
2. Dimensions in mm.
0.9 MAX.
Index Marking
+0.03
0.4 x 45˚
(0.65)
Index Marking
13
12
24
25
48
1
(5.2)
37
36
7±0.1
A
6.8
48x
0.08
(0.2)
0.05 MAX.
C
B
0.5
11 x 0.5 = 5.5
(6.2)
0.23
M
±0.05
48x
0.1
A B C
PG-VQFN-48-15, -19, -20, -22, -24, -48, -51, -52, -53, -54, -55, -56, -57-PO V12
0.9 MAX.
Index Marking
0.4 x 45°
(0.65)
Index Marking
13
12
24
25
48
1
(5.2)
37
36
7±0.
±0.03
1
A
6.8
0.1
48x
0.08
(0.2)
0.05 MAX.
1) Vertical burr 0.03 max. all sides
C
B
0.5
11 x 0.5 = 5.5
(6)
0.23
M
±0.05
0.10 ±0.05
48x
0.1
A B C
PG-VQFN-48-29, -31-PO V01
+0.03
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com