Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 19Page - Infineon Technologies AG TLE9832 Datasheet HTML 20Page - Infineon Technologies AG TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG TLE9832 Datasheet HTML 23Page - Infineon Technologies AG TLE9832 Datasheet HTML 24Page - Infineon Technologies AG TLE9832 Datasheet HTML 25Page - Infineon Technologies AG TLE9832 Datasheet HTML 26Page - Infineon Technologies AG TLE9832 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
TLE9832
Functional Description
Data Sheet
23
Rev. 1.1, 2012-03-08
3.1.2
Voltage Regulator 1.5V (VDDC)
This module represents the 1.5 V voltage regulator, which serves as core supply for the 8-bit µC and other chip
internal analog 1.5 V functions (e.g. 8 Bit ADC). To further reduce the current consumption of the 8-bit MCU during
Stop Mode the output voltage is optionally reduced to 0.9 V.
Features
•
1.5 V low-drop voltage regulator
•
Optional 0.9 V in Stop Mode
•
Current limitation
•
Overcurrent monitoring and shutdown with MCU signalling (interrupt)
•
Overvoltage monitoring with MCU signalling (interrupt)
•
Undervoltage monitoring with MCU signalling (interrupt)
•
Pull-down current source at the output for Sleep Mode (100 μA)
The output capacitor CVDDC is mandatory to ensure a proper regulator functionality.
Figure 7
Module Block Diagram of VDDC Voltage Regulator
1.5 / 0.9V
LDO
VDDC-1.5V
Supervision
VDDP-5V
CVDDP
CVDDC
VDDC Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com