Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9832 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 72Page - Infineon Technologies AG TLE9832 Datasheet HTML 73Page - Infineon Technologies AG TLE9832 Datasheet HTML 74Page - Infineon Technologies AG TLE9832 Datasheet HTML 75Page - Infineon Technologies AG TLE9832 Datasheet HTML 76Page - Infineon Technologies AG TLE9832 Datasheet HTML 77Page - Infineon Technologies AG TLE9832 Datasheet HTML 78Page - Infineon Technologies AG TLE9832 Datasheet HTML 79Page - Infineon Technologies AG TLE9832 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
76
Rev. 1.1, 2012-03-08
Duty cycle D3
(for worst case at
10,4 kBit/s)
t
duty1
0.417
–
–
7) duty cycle 3
THRec(max) =
0.778 ×
V
S;
THDom(max) =
0.616 ×
V
S; VS = 5.5 …
18 V;
t
bit = 96 µs;
D3 =
t
bus_rec(min)/2 tbit;
LIN Spec 2.1 (Par. 29)
P_5.6.24
Duty cycle D4
(for worst case at
10,4 kBit/s)
t
duty2
–
–
0.590
duty cycle 4
THRec(max) =
0.389 ×
V
S;
THDom(max) =
0.251 ×
V
S;
V
S = 5.5 … 18 V;
t
bit = 96 µs;
D4 =
t
bus_rec(max)/2 tbit;
LIN Spec 2.1 (Par. 30)
P_5.6.25
AC Characteristics - Transceiver Fast Slope Mode
Propagation delay
bus dominant to RxD LOW
t
d(L),R
0.1
1
6
µs
–
P_5.6.26
Propagation delay
bus recessive to RxD HIGH
t
d(H),R
0.1
1
6
µs
–
P_5.6.27
Receiver delay symmetry
t
sym,R
-1
–
1
µs
t
sym,R = td(L),R - td(H),R;
P_5.6.28
Duty cycle D5
(for worst case at 40 kBit/s)
t
duty1
0.395
–
–
6) duty cycle 5
THRec(max) =
0.744 ×
V
S;
THDom(max) =
0.581 ×
V
S;
V
S = 5.5 … 18 V;
t
bit = 25µs;
D1 =
t
bus_rec(min)/2 tbit;
P_5.6.29
Duty cycle D6
(for worst case at 40 kBit/s)
t
duty2
–
–
0.581
6) duty cycle 6
THRec(max)= 0.422 ×VS;
THDom(max)=
0.284 ×
V
S;
V
S = 5.5 … 18 V;
t
bit = 25 µs;
D2 =
t
bus_rec(max)/2 tbit;
LIN Spec 2.1 (Par. 28)
P_5.6.30
AC Characteristics - Flash Mode
Propagation delay
bus dominant to RxD LOW
t
d(L),R
0.1
0.5
6
µs
–
P_5.6.31
Table 28
Electrical Characteristics (cont’d) LIN Transceiver
V
s = 5.5V - 18V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com