Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 3 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 3 Page - Microchip Technology

  EMC1001_15 Datasheet HTML 1Page - Microchip Technology EMC1001_15 Datasheet HTML 2Page - Microchip Technology EMC1001_15 Datasheet HTML 3Page - Microchip Technology EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 3
EMC1001
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage VDD..............................................-0.3 to 5.0V
Voltage on ALERT/THERM2, SMDATA and SMCLK pins ......
..............................................................................-0.3 to 5.5V
Voltage on any other pin .............................. -0.3 to VDD+0.3V
Lead Temperature Range .......................................................
.......................................... Refer to JEDEC Spec. J-STD-020
ESD Rating, All Pins (Human Body Model) ..................2000V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, VDD = 3.0V to 3.6V, TA= -25°C to +125°C,
Typical values at TA = +27°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
—
36
—
mA
0.0625 conversion/s,
see Table 4-4
IPD
—
4.8
10
µA
Standby mode
Temperature Measurement
Accuracy
—
±0.5
±1.5
°C
+40°C
 T
A 85°C
—±1
±3
°C
-25°C
 T
A 125°C
Resolution
—
0.25
—
°C
Conversion Time
—
26
—
ms
Voltage Tolerance
Voltage at pin
(ADDR/THERM)
VTOL
-0.3
—
3.6
V
Voltage at pin
(ALERT/THERM2,
SMDATA,SMCLK)
VTOL
-0.3
—
5.5
V
Digital Outputs (ADDR/THERM, ALERT/THERM2)
Output Low Voltage
VOL
——
0.4
V
IOUT =-4 mA
High Level
Leakage Current
IOH
—0.1
1
mA
VOUT =VDD
SMBus Interface (SMDATA,SMCLK)
Input High Level
VIH
2.0
—
—
V
Input Low Level
VIL
—0.8
V
Input High/Low Current
IIH/IIL
-1
—
1
mA
Hysteresis
—
500
—
mV
Input Capacitance
—
5
—
pF
Output Low Sink Current
6
—
mA
SMDATA = 0.6V
SMBus Timing
Clock Frequency
FSMB
10
—
400
kHz
Spike Suppression
—
—
50
ns
Bus Free Time Start to Stop
TBUF
1.3
—
—
µs
Hold Time Start
THD:STA
0.6
—
—
µs
Note 1:
300 ns rise time maximum is required for 400 kHz bus operation. For lower clock frequencies, the
maximum rise time is (0.1/FSMB) + 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com