Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1001_15 Datasheet HTML 1Page - Microchip Technology EMC1001_15 Datasheet HTML 2Page - Microchip Technology EMC1001_15 Datasheet HTML 3Page - Microchip Technology EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 1
EMC1001
Features
• Self-Contained Internal Temperature Sensor
- +0.25°C resolution
- ±1.5°C Accuracy +40°C to +85°C
• SMBus Address Selected by External Resistor:
- Select 1 of 4 per package, 8 addresses
available
• Maskable Interrupt using ALERT pin
• One-shot Command during Standby
• Low Power, 3.0V to 3.6V Supply
• 47 µA at 0.0625 Conversions per Second
(Typical)
• 4.8 µA in Standby (Typical)
• SMBus 2.0 Compliant interface
• Programmable Temperature Conversion Rate
• Small 6-lead TSOT package
Applications
• Desktop and Notebook Computers
•Thermostats
• Smart batteries
• Industrial/Automotive
• Other Electronic Systems
General Description
The EMC1001 is a tiny SMBus temperature sensor
with ±1.5°C accuracy and two interrupts. Packaged in
a SOT23-6, the EMC1001 provides an accurate,
low-cost, low-current solution for critical temperature
monitoring in a PC or in embedded applications.
The EMC1001 generates two separate interrupts with
programmable thermal trip points. The THERM output
operates as a thermostat with programmable threshold
and hysteresis. The ALERT output can be configured
as a maskable SMBus alert with programmable win-
dow comparator limits, or as a second THERM output.
An efficient fan control system can be created since
this output may be used to control a fan.
A power-down mode extends battery life in portable
applications.
Each part number may be configured to respond to one
of four separate SMBus addresses.
Package Types
4
1
2
3
6 SMDATA
SMCLK
ADDR/THERM
GND
VDD
5 ALERT/THERM2
EMC1001
6-Lead TSOT
±1.5°C SMBus Temperature Sensor in Miniature TSOT


Similar Part No. - EMC1001_15

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1001-1-AFZQ-TR SMSC-EMC1001-1-AFZQ-TR Datasheet
317Kb / 16P
1.5째C SMBus Temperature Sensor in Miniature SOT-23
More results

Similar Description - EMC1001_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KTY16-6 SIEMENS-KTY16-6 Datasheet
20Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Miniature Metal Housing
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
logo
SMSC Corporation
EMCT03 SMSC-EMCT03 Datasheet
201Kb / 3P
1C TRIPLE SMBUS TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
Remote Temperature Sensor with SMBus Serial Interface
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
1.5째C SMBus Temperature Sensor in Miniature SOT-23
EMCT03 SMSC-EMCT03_05 Datasheet
385Kb / 16P
1째C Triple SMBus Temperature Sensor
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
STATEK CORPORATION
TS1 STATEK-TS1 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Global Mixed-mode Techn...
G7811 GMT-G7811 Datasheet
41Kb / 1P
짹3C Local Temperature Sensor with SMBus Serial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com