Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 5 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 5 Page - Microchip Technology

  EMC1001_15 Datasheet HTML 1Page - Microchip Technology EMC1001_15 Datasheet HTML 2Page - Microchip Technology EMC1001_15 Datasheet HTML 3Page - Microchip Technology EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 5
EMC1001
2.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
TSOT
Pin Number
Description
1
ADDR/THERM
Logic output pin that can be used to turn on/off a fan or throttle a CPU clock
in the event of an overtemperature condition. This is an open-drain output.
This pin is sampled following power-up and the value of the pull-up resistor
determines the SMBus slave address (see Table 1-1). Total capacitance on
this pin must not exceed 100 pF, and the pull-up resistor must be connected
to the same supply voltage as VDD.
2
GND
Ground pin
3VDD
Supply Voltage pin, 3.0V to 3.6V
4
SMCLK
SMBus Clock Input pin
5ALERT/THERM2
Logic Output pin used as interrupt, SMBus alert or as a second THERM
output. This is an open-drain output.
6
SMDATA
SMBus Data Input/Output pin, open-drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com