Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 15 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 15 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology EMC1001_15 Datasheet HTML 14Page - Microchip Technology EMC1001_15 Datasheet HTML 15Page - Microchip Technology EMC1001_15 Datasheet HTML 16Page - Microchip Technology EMC1001_15 Datasheet HTML 17Page - Microchip Technology EMC1001_15 Datasheet HTML 18Page - Microchip Technology EMC1001_15 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 15
EMC1001
4.9
Conversion Rate Register
The Conversion Rate register determines how many
times the temperature value will be updated per sec-
ond. The lowest 4 bits configure a programmable delay
that waits between consecutive conversion cycles to
obtain the desired conversion rate. Table 4-4 shows the
conversion rate and the associated quiescent current.
4.10
Limit Registers
The user can configure high and low temperature limits
and an independent THERM limit. The temperature
high limit (TH) is a 10-bit value that is set by the
Temperature High Limit High Byte register and the
Temperature High Limit Low Byte register. The
Temperature High Limit Low Byte register contains the
two least significant bits, as shown in Table 4-2. The
two least significant bits are stored in the upper two bits
of the register, and the six LSB positions of this register
always read zero.
The temperature low limit (TL) is a 10-bit value that is
set by the Temperature Low Limit High Byte register
and the Temperature Low Limit Low Byte register, as
shown in Table 4-2.
The limits are compared to the temperature measure-
ment results (TINT) and have been exceeded if
(TINT  TL or TINT >TH). If either limit is exceeded then
the appropriate bit is set high in the Status register and
the ALERT/THERM2 output will respond as described
in Section 4.3 “ALERT/THERM2 Output”.
The THERM limit (TTH) is a single byte value set by the
THERM Limit register. Exceeding the THERM limit
asserts the ADDR/THERM signal as described in
Section 4.4 “ADDR/THERM Output”. When the
ALERT/THERM2 pin is configured as THERM2, then
exceeding the high limit asserts this pin.
4.11
THERM Hysteresis Register
The THERM Hysteresis register holds a hysteresis
value that determines the de-assertion of THERM, as
shown in Figure 4-4. It defaults to 10°C and can be set
by the user at any time after power-up. When the
ALERT/THERM2 pin is configured as THERM2, the
hysteresis value also impacts the de-assertion of
THERM2.
4.12
One-Shot Register
Writing to the One-shot register while in Standby mode
initiates a conversion and comparison cycle. The
EMC1001 will execute a temperature measurement,
compare the data to the limit registers and return to the
Standby mode. A write to the One-shot register will be
ignored if it occurs while the EMC1001 is in Run mode.
4.13
SMBus Timeout Enable
The EMC1001 has an SMBus timeout feature. Bit 7 of
the SMBus Timeout Enable register enables this func-
tion when set to 1 (the default setting is 0). When this
feature is enabled, the SMBus will timeout after approx-
imately 25 ms of inactivity.
TABLE 4-4:
CONVERSION RATES
Conversion
Rate Value
Conversions/
Second
Typical Quiescent
Current (µA)
00h
0.0625
36
01h
0.125
37
02h
0.25
38
03h
0.5
40
04h (default)1
44
05h
2
54
06h
4
71
07h
8
109
08h
16
182
09h
32
326
0Ah to FFh
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com