Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 7 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 7 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 3Page - Microchip Technology EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 7
EMC1001
3.3
SMBus Send Byte
The Send Byte protocol is used to set the Internal
Address Register to the correct Address. The Send
Byte can be followed by the Receive Byte protocol
(Section 3.4 “SMBus Receive Byte”) in order to read
data from the register. The send byte protocol cannot
be used to write data; if data is to be written to a regis-
ter, then the Write Byte protocol must be used (see
Section 3.1 “SMBus Write Byte”). The Send Byte
protocol is shown in Table 3-4.
3.4
SMBus Receive Byte
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g., set via Send
Byte). This is used for consecutive reads of the same
register as shown in Table 3-5.
3.5
Alert Response Address
The ALERT/THERM2 output can be used as an
SMBALERT#
as
described
in
Section 4.3
“ALERT/THERM2
Output”
The
Alert
Response
Address is polled by the Host whenever it detects an
SMBALERT#, i.e. when the ALERT/THERM2 pin is
asserted. The EMC1001 will acknowledge the Alert
Response Address and respond with its device
address as shown in Table 3-6.
3.6
SMBus Addresses
The EMC1001 is available in two versions (EMC1001
and EMC1001-1), each of which has four 7-bit slave
addresses that are enabled based on the pull-up resis-
tor on the ADDR/THERM pin. The value of this pull-up
resistor determines the slave address per Table 1-1.
Attempting to communicate with the EMC1001 SMBus
interface with an invalid slave address or invalid proto-
col results in no response from the device and does not
affect its register contents.
The EMC1001 supports stretching of the SMCLK
signal by other devices on the SMBus but will not
perform this operation itself. The EMC1001 has an
SMBus timeout feature. Bit 7 of the SMBus Timeout
Enable register enables this function when set to 1 (the
default setting is 0). When this feature is enabled, the
SMBus will timeout after approximately 25 ms of
inactivity.
TABLE 3-4:
SEND BYTE PROTOCOL
START
Slave Address
WR
ACK
Register
Address
ACK
STOP
17
1
1
8
1
1
TABLE 3-5:
RECEIVE BYTE PROTOCOL
START
Slave Address
RD
ACK
Register Data
NACK
STOP
17
1
1
8
1
1
TABLE 3-6:
MODIFIED SMBUS RECEIVE BYTE PROTOCOL RESPONSE TO ARA
START
Alert Response
Address
RD
ACK
EMC1001
Slave Address
NACK
STOP
17
1
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com