| Electronic Components Datasheet Search |
|
EMC1001 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC1001 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 24 page ![]() EMC1001 DS20005411A-page 10 2015 Microchip Technology Inc. The eight most significant bits are stored in the Temperature Value High Byte register and the two least significant bits stored in the Temperature Value Low Byte register as outlined in Table 4-2. The six LSB positions of the Temperature Value Low Byte register always read zero. In Table 4-2, the upper case “B” shows the bit position of a 16-bit word created by concatenating the High Byte and Low Byte, and the lower case “b” shows the bit position in the 10-bit value. 4.3 ALERT/THERM2 Output The ALERT/THERM2 output asserts if an out-of-limit measurement is detected (TA low limit or TA > high limit). The ALERT/THERM2 pin is an open-drain output and requires a pull-up resistor to VDD. The ALERT/THERM2 pin can be used as an SMBALERT#, or may be configured as a second THERM output. As described in the SMBus specification, an SMBus slave may inform the SMBus master that it wants to talk by asserting the SMBALERT# signal. One or more ALERT outputs can be hardwired together as a wired-OR bus to a common input. The ALERT/THERM2 pin resets when the EMC1001 responds to an alert response address (ARA = 0001 100) sent by the host, and if the out-of- limit condition no longer exists, but it does not reset if the error condition remains. The ALERT/THERM2 pin can be masked so that it will not assert in the event of an out-of-limit temperature measurement, except when it is configured as a second THERM pin. FIGURE 4-3: ALERT Response to Temperature Limits Exceeded. The ALERT/THERM2 pin can be configured as a sec- ond THERM pin that asserts when the temperature measurement exceeds the Temperature High Limit value. The output will not de-assert until the tempera- ture drops below the Temperature High Limit, minus the THERM Hysteresis value. TABLE 4-2: BIT POSITION OF TWO BYTE VALUES High Byte Low Byte B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 0 0 0 0 0 0 Temp Time Temperature High Limit Temperature Low Limit ALERT/THERM2 Logic High Logic Level SMBus ARA |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |