Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 4Page - Microchip Technology EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EMC1001
DS20005411A-page 8
 2015 Microchip Technology Inc.
4.0
PRODUCT DESCRIPTION
The EMC1001 is an SMBus temperature sensor that
monitors a single temperature zone. Thermal manage-
ment is performed in cooperation with a host device.
The host reads the temperature data from the
EMC1001 and takes appropriate action such as con-
trolling fan speed or processor clock frequency. The
EMC1001 has programmable temperature-limit regis-
ters that define a safe operating window. After the host
has configured the temperature limits, the EMC1001
can operate as a free-running independent watchdog
to warn the host of temperature hot-spots, without
requiring
the
host
to
poll
the
device.
The
ADDR/THERM output can be used to control a fan
without host intervention.
FIGURE 4-1:
Controlling a Fan without Host Intervention.
The EMC1001 has two basic modes of operation:
• Run Mode: In this mode, the EMC1001
continuously converts temperature data and
updates its registers. The rate of temperature
conversion is configured as shown in Section 4.9
“Conversion Rate Register”.
• Standby Mode: In this mode, the EMC1001 is
placed in Standby to conserve power, as
described in Section 4.5 “Standby Mode”.
ADDR/THERM
ALERT/THERM2
EMC1001
Host
Fan
Driver
SMDATA
Internal
Diode
SMCLK
SMBus
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com