Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 9 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 9 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 5Page - Microchip Technology EMC1001_15 Datasheet HTML 6Page - Microchip Technology EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 9
EMC1001
4.1
Temperature Monitors
Thermal diode temperature measurements are based
on the change in forward bias voltage (
V
BE) of a diode
when operated at two different currents:
EQUATION 4-1:
The change in
V
BE voltage is proportional to absolute
temperature T.
Figure 4-2 shows a detailed block diagram of the
temperature measurement circuit. The EMC1001
incorporates
switched
capacitor
technology
that
integrates the temperature diode
V
BE from different
bias currents. The negative terminal (DN) for the
temperature diode is internally biased with a forward
diode voltage referenced to ground.
The advantages of this architecture over Nyquist rate
direct-conversion ADC (FLASH) or successive approx-
imation register (SAR) converters are superb linearity
and inherent noise immunity. The linearity can be
directly attributed to the delta-sigma ADC single-bit
comparator, while the noise immunity is achieved by
the ~20 ms integration time which translates to 50 Hz
input noise bandwidth.
FIGURE 4-2:
Detailed Block Diagram.
4.2
Temperature Measurement
Results and Data
The 10-bit temperature measurement results are
stored in temperature value registers. Table 4-1 shows
the two’s complement temperature data format with an
LSB equivalent to 0.25°C.
V
BE
V
BE_HIGH
V
BE_LOW
kT
q
----------
I
HIGH
I
LOW
--------------


ln
=
–
=
Where:
k = Boltzmann’s Constant
T = Absolute Temperature in Kelvin
q = Electron Charge
 = Diode Ideality Factor
Delta VBE
Sample
&
Hold
IBIAS
ILOW
IHIGH
1-bit
Delta-Sigma
Modulator
Digital
Averaging
Filter
VDD
Internal or
Remote Diode
Bias
Diode
10-bit Output
TABLE 4-1:
TEMPERATURE DATA
FORMAT
Temperature
Valid Range
-40°C to +125°C
Two’s Complement
-0.25°C
1111 1111 11 (1)
0.0°C
0000 0000 00
Note 1:
Temperature measurement returns
1100 0000 00
for all temperatures
-64.00°C.
2:
Temperature measurement returns
0111 1111 11
for all temperatures
+127.75°C.
+0.25°C
0000 0000 01
+0.50°C
0000 0000 10
+0.75°C
0000 0000 11
+1°C
0000 0001 00
...
...
+125°C
0111 1101 00 (2)
TABLE 4-1:
TEMPERATURE DATA
FORMAT (CONTINUED)
Temperature
Valid Range
-40°C to +125°C
Two’s Complement
Note 1:
Temperature measurement returns
1100 0000 00
for all temperatures
-64.00°C.
2:
Temperature measurement returns
0111 1111 11
for all temperatures
+127.75°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com