Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 17Page - Texas Instruments TUSB3200A Datasheet HTML 18Page - Texas Instruments TUSB3200A Datasheet HTML 19Page - Texas Instruments TUSB3200A Datasheet HTML 20Page - Texas Instruments TUSB3200A Datasheet HTML 21Page - Texas Instruments TUSB3200A Datasheet HTML 22Page - Texas Instruments TUSB3200A Datasheet HTML 23Page - Texas Instruments TUSB3200A Datasheet HTML 24Page - Texas Instruments TUSB3200A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
2.1.13 Codec Port Interface
The TUSB3200A provides a configurable full-duplex bidirectional serial interface that can connect to a
codec or another device for streaming USB Isochronous data. The interface can be configured to support
several different industry standard protocols, including AC '97 1.X, AC '97 2.X, and I2S.
2.1.14 I
2C Interface
The I2C interface logic provides a two-wire serial interface that can be used by the 8052 MCU to access
other ICs. The TUSB3200A is an I2C master device only and supports single byte or multiple byte read
and write operations. The interface can be programmed to operate at either 100 kbps or 400 kbps. The
protocol supports 8-bit or 16-bit addressing for accessing the I2C slave device memory locations.
2.1.15 Pulse Width Modulation (PWM) Output
The TUSB3200A provides a pulse width modulation output with programmable frequency and pulse width.
The frequency can be programmed from 732 Hz to 93.7 kHz with an 8-bit register. The pulse width of the
output signal is set with a 16-bit register.
2.1.16 General-Purpose IO Ports (GPIO)
The TUSB3200A provides two general-purpose IO ports that are controlled by the internal 8052 MCU. The
two ports, port 1 and port 3, are 8-bits and 5-bits, respectively. Note that port 3 bit locations 2, 6, and 7
have been used in the TUSB3200A for other functionality. Therefore these three bit locations are not
available for GPIO use. Port 3 bit location 2 has been used as the external interrupt (XINT) input to the
TUSB3200A. Port 3 bit locations 6 and 7 have been used as the external MCU write strobe and read
strobe inputs for the external MCU mode of operation.
Each bit of both ports can be independently used as either an input or output. Hence each port bit consists
of an output buffer, an input buffer, and a pullup resistor (the pullups are not, strictly speaking, resistors;
they are 100-µA pullup active terminators). The pullup resistors on the GPIO pins can be disabled using
the PUDIS bit in the global control register.
2.1.16.1 External Pullup Macro
This is the equivalent circuit of the pullup "resistor", from the silicon library used to implement the
TUSB3200A.
Logic Symbol (Positive Logic)
Table 2-1. Electrical Characteristics of Pullup Resistors(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output current
VO = 0 V
–35.98
–90.67
–197.38
µA
FI
Input loading factor TAP
1.65
pF
FI
Input loading factor PWRDN
2.50
SL
Cpd
Equivalent power dissipation capacitance
0.04
pF
(1)
When PWRDN = H, the current source is turned off.
NOTE: For use with 3-V I/Os only.
Copyright © 2001–2011, Texas Instruments Incorporated
Description
21
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com