Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 10Page - Texas Instruments TUSB3200A Datasheet HTML 11Page - Texas Instruments TUSB3200A Datasheet HTML 12Page - Texas Instruments TUSB3200A Datasheet HTML 13Page - Texas Instruments TUSB3200A Datasheet HTML 14Page - Texas Instruments TUSB3200A Datasheet HTML 15Page - Texas Instruments TUSB3200A Datasheet HTML 16Page - Texas Instruments TUSB3200A Datasheet HTML 17Page - Texas Instruments TUSB3200A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
1.6
Terminal Functions
− Normal Mode
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVDD
2
3.3-V Analog supply voltage
AVSS
49
Analog ground
CSCLK
34
I/O
Codec port interface serial clock: CSCLK is the serial clock for the codec port interface used to clock
the CSYNC, CDATO, CDATI, CRESET, and CSCHNE signals. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CSYNC
35
I/O
Codec port interface frame sync: CSYNC is the frame synchronization signal for the codec port
interface. This signal uses a 5-V compatible TTL/LVCMOS input/output buffer.
CDATO
36
I/O
Codec port interface serial data output: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CDATI
38
I/O
Codec port interface serial data input: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CRESET
39
I/O
Codec port interface reset output: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CSCHNE
40
I/O
Codec port interface secondary channel enable: See Section 1.9 for details. This signal uses a 5-V
compatible TTL/LVCMOS input/output buffer.
DP
7
I/O
USB differential pair data signal plus: DP is the positive signal of the bidirectional USB differential pair
used to connect the TUSB3200A device to the universal serial bus.
DM
8
I/O
USB differential pair data signal minus: DM is the negative signal of the bidirectional USB differential
pair used to connect the TUSB3200A device to the universal serial bus.
DVDD
9, 21,
3.3-V digital supply voltage
37
DVDDS
27, 43
5-V digital supply voltage
DVSS
5, 16,
Digital ground
33, 46
EXTEN
12
I
External MCU mode enable: Input used to enable the device for the external MCU mode. This signal
uses a 3.3-V TTL/LVCMOS input buffer.
MCLKI
47
I
Master clock input: An input that can be used as the master clock for the codec port interface or the
source for MCLKO2. This signal uses a 5-V to 3.3-V level-shifting input buffer.
MCLKI2
48
I
Master clock input 2: An input that can be used as the master clock for the codec port interface or the
source for MCLKO2. This signal uses a 5-V to 3.3-V level-shifting input buffer.
MCLKO
44
O
Master clock output: The output of the ACG that can be used as the master clock for the codec port
interface and the codec. This signal uses a 3.3-V TTL/LVCMOS output buffer.
MCLKO2
45
O
Master clock output 2: An output that can be used as the master clock for the codec port interface and
the codec. This clock signal can also be used as a miscellaneous clock. This signal uses a 3.3-V
TTL/LVCMOS output buffer.
MRESET
10
I
Master reset: An active low asynchronous reset for the device that resets all logic to the default state.
This signal uses a 3.3-V TTL/LVCMOS input buffer.
Not Used
22
I
This pin is not used in the normal mode. This signal should be tied to digital ground for normal
operation.
P1.0
24
I/O
General-purpose I/O port 1 bit 0: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.1
25
I/O
General-purpose I/O port 1 bit 1: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.2
26
I/O
General-purpose I/O port 1 bit 2: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.3
28
I/O
General-purpose I/O port 1 bit 3: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.4
29
I/O
General-purpose I/O port 1 bit 4: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.5
30
I/O
General-purpose I/O port 1 bit 5: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.6
31
I/O
General-purpose I/O port 1 bit 6: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
P1.7
32
I/O
General-purpose I/O port 1 bit 7: A bidirectional I/O port. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer with an internal 100-µA active pullup.
14
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com