Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 35Page - Texas Instruments TUSB3200A Datasheet HTML 36Page - Texas Instruments TUSB3200A Datasheet HTML 37Page - Texas Instruments TUSB3200A Datasheet HTML 38Page - Texas Instruments TUSB3200A Datasheet HTML 39Page - Texas Instruments TUSB3200A Datasheet HTML 40Page - Texas Instruments TUSB3200A Datasheet HTML 41Page - Texas Instruments TUSB3200A Datasheet HTML 42Page - Texas Instruments TUSB3200A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Secondary
MCLKO
CSCHNE
CRESET
CDATI
CDATO
CSCLK
CSYNC
AC97CLK
CRESET
SD_OUT
SD_IN
BIT_CLK
SYNC
AC97CLK
CRESET
SD_OUT
SD_IN
BIT_CLK
SYNC
AC’97 IC
TUSB3200A
AC97 or MC97
Primary
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
2.2.13.2 Audio Codec (AC) '97 2.0 Mode of Operation
The basic serial protocol for the AC '97 2.0 mode is the same as the AC '97 1.0 mode. The AC '97 2.0
mode, however, offers some additional features. In this mode, the TUSB3200A provides support for
multiple codec devices and also on-demand sampling. The TUSB3200A can connect directly to two AC
'97 codecs as shown in Figure 2-3. Note that if only one codec is used, then the SD_IN2 input (pin 40)
should be tied to DVSS.
Table 2-4. Terminal Assignments for Codec Port
Interface AC '97 2.0 Mode
TERMINAL
AC '97 Version 2.0
MODE 3
NO.
NAME
35
CSYNC
SYNC
O
34
CSCLK
BIT_CLK
I
36
CDATO
SD_OUT
O
38
CDATI
SD_IN1
I
39
CRESET
RESET
O
40
CSCHNE
SD_IN2
I
Figure 2-3. Connection of the TUSB3200A to Multiple AC '97 Codecs
2.2.13.3 Inter-IC Sound (I2S) Modes of Operation
The TUSB3200A offers a total of four I2S modes of operation. However, the serial format is the same for
all four of the I2S modes. The difference in the I2S modes is simply the number of serial data outputs
and/or serial data inputs supported. For instance, in codec port interface mode 4, there are three serial
data outputs (SDOUT1, SDOUT2, SDOUT3) and one serial data input (SDIN1). Hence, mode 4 can be
used to connect the TUSB3200A device to a codec with three stereo DACs and one ADC for multichannel
audio applications. Note however that not all of the serial data outputs and/or inputs must be used for any
given mode. Table 2-5 shows the TUSB3200A codec terminal assignments and the respective signal
names for each of the I2S modes.
Copyright © 2001–2011, Texas Instruments Incorporated
Description
39
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com