Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 63 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 59Page - Texas Instruments TUSB3200A Datasheet HTML 60Page - Texas Instruments TUSB3200A Datasheet HTML 61Page - Texas Instruments TUSB3200A Datasheet HTML 62Page - Texas Instruments TUSB3200A Datasheet HTML 63Page - Texas Instruments TUSB3200A Datasheet HTML 64Page - Texas Instruments TUSB3200A Datasheet HTML 65Page - Texas Instruments TUSB3200A Datasheet HTML 66Page - Texas Instruments TUSB3200A Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
A.4.3.6
USB Out Endpoint
− Configuration Byte (OEPCNFx)
The USB out endpoint configuration byte contains the various bits used to configure and control the
endpoint. Note that the bits in this byte take on different functionality based on the type of endpoint
defined. Basically, the control, interrupt, and bulk endpoints function differently than the isochronous
endpoints.
A.4.3.6.1 USB Out Endpoint
− Control, Interrupt or Bulk Configuration Byte
This section defines the functionality of the bits in the USB out endpoint configuration byte for control,
interrupt, and bulk endpoints.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
OEPEN
ISO
TOGGLE
DBUF
STALL
OEPIE
–
–
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
OEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the out
endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the
use of a particular out endpoint for isochronous transactions. This bit
should be cleared to a 0 by the MCU to use a particular out endpoint
for control, interrupt or bulk transactions.
5
TOGGLE
Toggle
The toggle bit is controlled by the UBM and is toggled at the end of a
successful out data stage transaction if a valid data packet is received
and the data packet PID matches the expected PID.
4
DBUF
Double buffer mode
Double buffer mode The double buffer mode bit is set to a 1 by the
MCU to enable the use of both the X and Y data packet buffers for
USB transactions to a particular out endpoint. This bit should be
cleared to a 0 by the MCU to use the single buffer mode. In the single
buffer mode, only the X buffer is used.
3
STALL
Stall
The stall bit is set to a 1 by the MCU to stall endpoint transactions.
When this bit is set, the hardware will automatically return a stall
handshake to the host PC for any transaction received for the
endpoint. An exception is the control endpoint setup stage transaction,
which must always be received. This requirement allows a
Clear_Feature_Stall request to be received from the host PC. Control
endpoint data and status stage transactions however can be stalled.
The stall bit is cleared to a 0 by the MCU if a Clear_Feature_Stall
request or a USB reset is received from the host PC. For a control
write transaction, if the amount of data received is greater than
expected, the UBM will set the stall bit to a 1 to stall the endpoint.
When the stall bit is set to a 1 by the UBM, the USB out endpoint 0
interrupt will be generated.
2
OEPIE
Interrupt enable
The interrupt enable bit is set to a 1 by the MCU to enable the out
endpoint interrupt. See Section A.5.7.1 for details on the out endpoint
interrupts.
1:0
–
Reserved
Reserved for future use
Copyright © 2001–2011, Texas Instruments Incorporated
MCU Memory and Memory-Mapped Registers
63
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com