Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 9Page - Texas Instruments TUSB3200A Datasheet HTML 10Page - Texas Instruments TUSB3200A Datasheet HTML 11Page - Texas Instruments TUSB3200A Datasheet HTML 12Page - Texas Instruments TUSB3200A Datasheet HTML 13Page - Texas Instruments TUSB3200A Datasheet HTML 14Page - Texas Instruments TUSB3200A Datasheet HTML 15Page - Texas Instruments TUSB3200A Datasheet HTML 16Page - Texas Instruments TUSB3200A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
PAH Package
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
(TOP VIEW)
CDATI
DV
DD
CDATO
CSYNC
CSCLK
DVSS
MCUAD7
MCUAD6
MCUAD5
MCUAD4
MCUAD3
DVDDS
PLLFILO
AVDD
PWMO
PLLO
DVSS
PUR
DP
DM
DV
DD
MRESET
TEST
EXTEN
RSTO
USB Streaming Controller (STC)
52-pin TQFP
CRESET
TUSB3200A
52
45
41 40
42
51 50
48
49
47
44 43
46
14
21
25 26
24
15 16
18
17
19
22 23
20
TQFP
Texas Instruments
Package Type
Peripheral Device
Universal Serial Bus
52 pins PAH
T
3200A
USB
PAH
Commercial Temperature Range
C
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
1.4
Terminal Assignments
− External MCU Mode
1.5
Ordering Information
Copyright © 2001–2011, Texas Instruments Incorporated
Introduction
13
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com