Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 28Page - Texas Instruments TUSB3200A Datasheet HTML 29Page - Texas Instruments TUSB3200A Datasheet HTML 30Page - Texas Instruments TUSB3200A Datasheet HTML 31Page - Texas Instruments TUSB3200A Datasheet HTML 32Page - Texas Instruments TUSB3200A Datasheet HTML 33Page - Texas Instruments TUSB3200A Datasheet HTML 34Page - Texas Instruments TUSB3200A Datasheet HTML 35Page - Texas Instruments TUSB3200A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
2.2.7.4.1 Isochronous Out Transaction (host PC as source and codec as destination)
The steps to be followed for an isochronous out transaction are as follows:
1. MCU initializes one of the out endpoints as an out isochronous endpoint by programming the
appropriate USB endpoint configuration block. This entails programming the buffer size and the buffer
base address for both the X and Y buffers and the bytes per sample bits, setting the isochronous
endpoint bit, enabling the endpoint, and clearing the NACK bit.
2. The MCU initializes one of the four DMA channels to support the isochronous out endpoint by
programming the appropriate DMA configuration registers.
3. The host PC sends an out token packet followed by a data packet addressed to the out endpoint. The
UBM writes the data packet to the X (or Y) endpoint buffer, updates the sample count in the data count
byte, and sets the X (or Y) buffer NACK bit to a 1. Note that the number of audio samples and not the
number of bytes is written to the data count byte. Also, note that there is no endpoint interrupt
generated for isochronous endpoints. If a buffer overflow occurs, the UBM will set the overflow bit in
the endpoint configuration byte.
4. The DMA channel reads the X (or Y) buffer data count byte to verify that the NACK bit is set and to
obtain the sample count in the new data packet. The DMA channel then clears the NACK bit and
streams the data to the codec port interface. Note that if a new data packet has not been received, the
NACK bit will not be set, and the DMA channel will not move any data to the codec port interface.
2.2.7.4.2 Isochronous Out Transaction (host PC as source and MCU as destination)
The steps to be followed for an isochronous out transaction are as follows:
1. MCU initializes one of the out endpoints as an out isochronous endpoint by programming the
appropriate USB endpoint configuration block. This entails programming the buffer size and the buffer
base address for both the X and Y buffers and the bytes per sample bits, setting the isochronous
endpoint bit, enabling the endpoint, and clearing the NACK bit.
2. The host PC sends an out token packet followed by a data packet addressed to the out endpoint. The
UBM writes the data packet to the X (or Y) endpoint buffer, updates the sample count in the data count
byte, and sets the X (or Y) buffer NACK bit to a 1. Note that the number of audio samples and not the
number of bytes is written to the data count byte. Also, note that there is not an endpoint interrupt
generated for isochronous endpoints. If a buffer overflow occurs, the UBM will set the overflow bit in
the endpoint configuration byte.
3. After an SOF or PSOF interrupt, the MCU reads the USB frame number register and uses the least
significant bit (bit 0) value as the buffer select bit. If bit 0 is a 0 for the current USB frame, then the
MCU should access the Y buffer. If bit 0 is a 1 for the current USB frame, then the MCU should access
the X buffer.
4. The MCU reads the X (or Y) buffer data count byte to verify that the NACK bit is set and to obtain the
sample count in the new data packet. Note that if a new data packet has not been received, the NACK
bit will not be set. If there is a valid data packet in the buffer, then the MCU clears the NACK bit and
proceeds with reading the data.
2.2.7.4.3 Isochronous In Transaction (codec as source and host PC as destination)
The steps to be followed for an isochronous in transaction are as follows:
1. MCU initializes one of the in endpoints as an in isochronous endpoint by programming the appropriate
USB endpoint configuration block. This entails programming the buffer size and the buffer base
address for both the X and Y buffers and the bytes per sample bits, setting the isochronous endpoint
bit, enabling the endpoint, and setting the NACK bit.
2. The MCU initializes one of the four DMA channels to support the isochronous in endpoint by
programming the appropriate DMA configuration registers.
3. During the current USB frame, the DMA proceeds with reading the data from the codec port interface
and storing the data in the X (or Y) endpoint buffer. At the end of the current USB frame, the DMA
updates the sample count in the data count byte then clears the X (or Y) buffer NACK bit to a 0. If a
32
Description
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com