Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 71 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 67Page - Texas Instruments TUSB3200A Datasheet HTML 68Page - Texas Instruments TUSB3200A Datasheet HTML 69Page - Texas Instruments TUSB3200A Datasheet HTML 70Page - Texas Instruments TUSB3200A Datasheet HTML 71Page - Texas Instruments TUSB3200A Datasheet HTML 72Page - Texas Instruments TUSB3200A Datasheet HTML 73Page - Texas Instruments TUSB3200A Datasheet HTML 74Page - Texas Instruments TUSB3200A Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
A.5.1.2
USB Status Register (USBSTA
− Address FFFEh)
The USB status register contains various status bits used for USB operations.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
RSTR
SUSR
RESR
SOF
PSOF
SETUP
—
STPOW
TYPE
R
R
R
R
R
R
R
R
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RSTR
Function reset
The function reset bit is set to a 1 by hardware in response to the host
PC initiating a USB reset to the function. When a USB reset occurs,
all of the USB logic blocks, including the SIE, UBM, frame timer, and
suspend/resume are automatically reset. The function reset enable
(FRSTE) control bit in the USB control register can be used to enable
the USB reset to reset all TUSB3200A logic, except the shadow the
ROM (SDW) and the USB function connect (CONT) bits. When the
FRSTE control bit is set to a 1, the reset output (RSTO) signal from
the TUSB3200A device will also be active when a USB reset occurs.
This bit is read only and is cleared when the MCU writes to the
interrupt vector register.
6
SUSR
Function suspend
The function suspend bit is set to a 1 by hardware when a USB
suspend condition is detected by the suspend/resume logic. See
Section 2.2.5 for details on the USB suspend and resume operation.
This bit is read only and is cleared when the MCU writes to the
interrupt vector register.
5
RESR
Function resume
The function resume bit is set to a 1 by hardware when a USB resume
condition is detected by the suspend/resume logic. See Section 2.2.5
for details on the USB suspend and resume operation. This bit is read
only and is cleared when the MCU writes to the interrupt vector
register.
4
SOF
Start-of-frame
The start-of-frame bit is set to a 1 by hardware when a new USB
frame starts. This bit is set when the SOF packet from the host PC is
detected, even if the TUSB3200A frame timer is not locked to the host
PC frame timer. This bit is read only and is cleared when the MCU
writes to the interrupt vector register. The nominal SOF rate is 1 ms.
3
PSOF
Pseudo start-of-frame
The pseudo start-of-frame bit is set to a 1 by hardware when a USB
pseudo SOF occurs. The pseudo SOF is an artificial SOF signal that
is generated when the TUSB3200A frame timer is not locked to the
host PC frame timer. This bit is read only and is cleared when the
MCU writes to the interrupt vector register. The nominal pseudo SOF
rate is 1 ms.
2
SETUP
Setup stage transaction
The setup stage transaction bit is set to a 1 by hardware when a
successful control endpoint setup stage transaction is completed.
Upon completion of the setup stage transaction, the USB control
endpoint setup stage data packet buffer should contain a new setup
stage data packet.
1
—
Reserved
Reserved for future use
0
STPOW
Setup stage transaction
The setup stage transaction over-write bit is set to a 1 by hardware
overwrite
when the data in the USB control endpoint setup data packet buffer is
over-written. This scenario occurs when the host PC prematurely
terminates a USB control transfer by simply starting a new control
transfer with a new setup stage transaction.
Copyright © 2001–2011, Texas Instruments Incorporated
MCU Memory and Memory-Mapped Registers
71
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com