Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF229 Datasheet HTML 1Page - Micrel Semiconductor MICRF229 Datasheet HTML 2Page - Micrel Semiconductor MICRF229 Datasheet HTML 3Page - Micrel Semiconductor MICRF229 Datasheet HTML 4Page - Micrel Semiconductor MICRF229 Datasheet HTML 5Page - Micrel Semiconductor MICRF229 Datasheet HTML 6Page - Micrel Semiconductor MICRF229 Datasheet HTML 7Page - Micrel Semiconductor MICRF229 Datasheet HTML 8Page - Micrel Semiconductor MICRF229 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
April
Gen
The
heter
contr
It on
exter
for
actua
The
of 1k
are s
433.9
20kb
to 5.5
MICR
reduc
Data
Micre
Typ
Micrel Inc. • 21
15, 2015
neral Desc
MICRF229
rodyne, imag
rol, ASK/OOK
nly requires
rnal compone
low-cost, lo
ation applicat
MICRF229 a
kbps with 1%
selectable in
92MHz, allow
bps. The devic
5V, and typica
RF229 has a
ce current to
sheets and s
el’s web site a
pical Appl
80 Fortune Driv
cription
is a 400
e-reject, RF r
K demodulato
a crystal an
ents to implem
ow-power, R
ions.
chieves
112
BER. Eight d
binary steps
wing the devic
ce operates fr
ally consume
a shutdown m
0.5
μA and 15
support docu
at: www.micre
ication
ve • San Jose, C
MHz to 45
receiver with
or, and analo
nd a minimu
ment. The MIC
RKE, TPMS,
2dBm sensitiv
emodulator fi
s from 1625H
ce to support
rom a supply
es 6.0mA at 4
mode and sl
5
μA respectiv
umentation ar
el.com.
MICRF
CA 95131 • USA
50MHz supe
automatic ga
og RSSI outp
um number
CRF229 is ide
and remo
vity at a bit ra
ilter bandwidt
Hz to 34kHz
t bit rates up
voltage of 3.5
33.92MHz. T
eep mode th
vely.
re available
F229 433.92MH
40
• tel +1 (408) 94
er-
ain
ut.
of
eal
ote
ate
ths
at
to
5V
he
hat
on
Featu
 112
 Auto
 Sup
 25dB
 No I
 60dB
 3.5V
 6.0m
 15
μA
 0.5
μ
 16-p
 40
 2kV
Appl
 Auto
 Long
 Rem
 Gara
 Rem
 Low
Hz Typical App
00MHz to 4
with
44-0800 • fax + 1
ures
2dBm sensitiv
o-polling mod
pports bit rates
B image-rejec
IF filter requir
B analog RSS
V to 5.5V sup
mA supply cu
A supply curr
μA supply cur
pin 4.9mm × 6
C to +105C
V HBM ESD ra
lications
omotive remo
g-range RF ID
mote fan/light
age door/gate
mote metering
w data rate un
plication Circu
MICRF2
450MHz AS
Auto-Poll
1 (408) 474-1000
vity at 1kbps
de with bit che
s up to 20kbp
ct mixer
red
SI output rang
ply voltage ra
rrent at 434M
rent in sleep m
rrent in shutdo
6.0mm QSOP
C temperature
ating
ote keyless en
D
control
e openers
g
idirectional w
uit
229
SK/OOK Re
and RSSI
0 • http://www.m
with 1% BER
ecking
ps at 433.92M
ge
ange
MHz
mode
own mode
P package
e range
ntry (RKE)
wireless data l
eceiver
micrel.com
Revision 1.0
R
MHz
inks


Similar Part No. - MICRF229

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
More results

Similar Description - MICRF229

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
logo
Maxim Integrated Produc...
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com