Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF229 Datasheet HTML 1Page - Micrel Semiconductor MICRF229 Datasheet HTML 2Page - Micrel Semiconductor MICRF229 Datasheet HTML 3Page - Micrel Semiconductor MICRF229 Datasheet HTML 4Page - Micrel Semiconductor MICRF229 Datasheet HTML 5Page - Micrel Semiconductor MICRF229 Datasheet HTML 6Page - Micrel Semiconductor MICRF229 Datasheet HTML 7Page - Micrel Semiconductor MICRF229 Datasheet HTML 8Page - Micrel Semiconductor MICRF229 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
3
Revision 1.0
Pin Description (Continued)
Pin
Number
Pin
Name
Type
Pin Function
8
EN
Input
Enable Control Logic-Level Input: A logic-level HIGH enable the device. A logic-level LOW put
the device to shutdown mode. An internal pull-down (3µA typical) pulls the logic input LOW.
The device is designed to start up in shutdown state. The EN pin should be kept at logic low
(shutdown state) until after the supply voltage on VDD is stabilized. If the application is
designed to have the EN pin always pulled high, it is recommended to add a shunt capacitor of
0.47µF from the EN pin to ground.
9
GND
Supply
Ground Connection (for all chip functions except for RF input): Connect to PCB ground plane.
10
DO
In/Out
Demodulation Data Output: A current limited CMOS output in normal operation. An internal
pull-
down of 25kΩ is present when device is in shutdown. This pin is also used as the data
input during serial programming (see “Serial Interface Register Programming” sub-section).
11
SEL1
Input
Logic Control Input with Active Internal Pull-Up (3µA typical): It can be used to select the low-
pass filter bandwidth in the absence register control (see Table 2).
12
SCLK
Input
Programming clock input with active internal pull-down (3µA typical
13
CTH
In/Out
Demodulation Threshold Voltage Integration Capacitor: Capacitor to GND sets the settling
time for the demodulation data slice level. Values above 1nF are recommended and should be
optimized for data rate and data profile. Connect a 0.1µF capacitor from CTH pin to GND to
provide a stable slicing threshold.
14
AGC
In/Out
AGC Filter Capacitor Connection: Connect a capacitor from this pin to GND. Refer to the
“AGC Loop” sub-section for information on the capacitor value.
15
RSSI
Output
Received Signal Strength Indicator Output. The voltage on this pin is an inversed amplified
version of the voltage on AGC. Output is from a buffer with typically 200
Ω output impedance.
16
RO2
Output
Output of the Pierce Oscillator for Crystal: Internal capacitance of 7pF to GND during normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com