Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF229 Datasheet HTML 6Page - Micrel Semiconductor MICRF229 Datasheet HTML 7Page - Micrel Semiconductor MICRF229 Datasheet HTML 8Page - Micrel Semiconductor MICRF229 Datasheet HTML 9Page - Micrel Semiconductor MICRF229 Datasheet HTML 10Page - Micrel Semiconductor MICRF229 Datasheet HTML 11Page - Micrel Semiconductor MICRF229 Datasheet HTML 12Page - Micrel Semiconductor MICRF229 Datasheet HTML 13Page - Micrel Semiconductor MICRF229 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
10
Revision 1.0
Functional Description
The simplified Functional Diagram illustrates the basic
structure of the MICRF229 receiver. It is made up of four
sub-blocks:
• UHF down-converter
• ASK/OOK demodulator
• Reference and control logic
• Auto-poll circuitry
Outside the device, the MICRF229 receiver requires just
a few components to operate: a capacitor from AGC to
GND, a capacitor from CTH to GND, a reference crystal
resonator with associated loading capacitors, LNA input
matching components, and a power-supply decoupling
capacitor.
Receiver Operation
UHF Downconverter
The UHF downconverter has six sub-blocks: LNA,
mixers, synthesizer, image reject filter, band pass filter
and IF amplifier.
LNA
The RF input signal is AC-coupled into the gate of the
LNA input device. The LNA configuration is a cascaded
common-source NMOS amplifier. The amplified RF
signal is then fed to the RF ports of two double balanced
mixers.
Mixers and Synthesizer
The LO ports of the mixers are driven by quadrature local
oscillator outputs from the synthesizer block. The local
oscillator signal from the synthesizer is placed on the low
side of the desired RF signal (Figure 1). The product of
the incoming RF signal and local oscillator signal will
yield the IF frequency, which will be demodulated by the
detector
of
the
device.
The
image
reject
mixer
suppresses the image frequency which is below the
wanted signal by 2x the IF frequency. The local oscillator
frequency (fLO) is set to 32x the crystal reference
frequency (fREF) via a phase-locked loop synthesizer with
a fully-integrated loop filter (Equation 1):
fLO = 32 x fREF
Eq. 1
MICRF229 uses an IF frequency scheme that scales the
IF frequency (fIF) with fREF according to Equation 2:
fIF = fREF x
1000
87
Eq. 2
Therefore, the reference frequency fREF needed for a
given desired RF frequency (fRF) is approximated in
Equation 3:
fREF = fRF / (32 +
1000
87
)
Eq. 3
Figure 1. Low-Side Injection Local Oscillator
Image-Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature-down
converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to the
image reject filter where they are combined to reject the
image frequency. The IF signal then passes through a
third order band pass filter. The IF bandwidth is 330kHz
@ 433.92MHz,
and
will
scale
with
RF
operating
frequency according to Equation 4:
BWIF = BWIF@433.92 MHz ×
433.92
(MHz)
Frequency
Operating
Eq. 4
These filters are fully integrated inside the MICRF229.
After filtering, four active gain controlled amplifier stages
enhance the IF signal to its proper level for demodulation.
ASK/OOK Demodulator
The demodulator section is comprised of detector,
programmable
low
pass
filter,
slicer,
and
AGC
comparator.
Detector and Programmable Low-Pass Filter
The demodulation starts with the detector removing the
carrier from the IF signal. Post detection, the signal
becomes baseband information. The low-pass filter
further enhances the baseband signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com