Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF229 Datasheet HTML 1Page - Micrel Semiconductor MICRF229 Datasheet HTML 2Page - Micrel Semiconductor MICRF229 Datasheet HTML 3Page - Micrel Semiconductor MICRF229 Datasheet HTML 4Page - Micrel Semiconductor MICRF229 Datasheet HTML 5Page - Micrel Semiconductor MICRF229 Datasheet HTML 6Page - Micrel Semiconductor MICRF229 Datasheet HTML 7Page - Micrel Semiconductor MICRF229 Datasheet HTML 8Page - Micrel Semiconductor MICRF229 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
2
Revision 1.0
Ordering Information
Part Number
Top Marking
Junction
Temperature
Range
Package
MICRF229YQS
MICRF229YQS
–40°C to +105°C
16-Pin 4.9mm × 6.0mm QSOP
Pin Configuration
16-Pin 4.9mm × 6.0mm QSOP (QS)
(Top View)
Pin Description
Pin
Number
Pin
Name
Type
Pin Function
1
RO1
In
Reference Resonator Connection (to the Pierce oscillator): Can also be driven by external
reference signal of 200mVP-P to 1.5VP-P amplitude maximum. Internal capacitance of 7pF to
GND during normal operation.
2
RFGND
Supply
Ground Connection for ANT RF Input: Connect to PCB ground plane.
3
ANT
Input
Antenna Input: RF signal input from antenna. Internally AC coupled. It is recommended to use
a matching network with an inductor to RF ground to improve ESD protection.
4
RFGND
Supply
Ground Connection for ANT RF Input: Connect to PCB ground plane.
5
CDEC
Supply
Internal Supply Decoupling Access: Bypass to PCB ground plane with a 0.1µF ceramic
capacitor located as close to pin as possible. Maximum operating voltage is 3.6V.
6
SQ
Input
Squelch Control Logic-Level Input: An internal pull-
up (3μA typical) pulls the logic-input HIGH
when the device is enabled. This feature is not recommended in MICRF229 and this pin
should remain floating.
7
VDD
Supply
Positive Supply Connection (for all chip functions): Bypass with 1µF capacitor located as close
to the VDD pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com