Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF229 Datasheet HTML 13Page - Micrel Semiconductor MICRF229 Datasheet HTML 14Page - Micrel Semiconductor MICRF229 Datasheet HTML 15Page - Micrel Semiconductor MICRF229 Datasheet HTML 16Page - Micrel Semiconductor MICRF229 Datasheet HTML 17Page - Micrel Semiconductor MICRF229 Datasheet HTML 18Page - Micrel Semiconductor MICRF229 Datasheet HTML 19Page - Micrel Semiconductor MICRF229 Datasheet HTML 20Page - Micrel Semiconductor MICRF229 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
17
Revision 1.0
Application Information
Length of Preamble
When
using
MICRF229
in
auto-polling
mode,
the
preamble of the corresponding transmitter should be long
enough to guarantee that the MICRF229 becomes fully
awake during the preamble portion of the burst. This way
the entire data portion will be received. A good rule of
thumb to use is:
Preamble Length =
1.2 × Sleep Time + Length of Valid Bits Sequence
The factor of 1.2 is to accommodate sleep time variation
due to process shift.
Figure 13 shows an example of insufficient length
preamble.
MICRF229 starts checking bits during the
data portion of the burst, so by the time it becomes fully
awake and releases DO, part of the data portion is lost.
In Figure 14, the preamble length is sufficient. The chip
wakes up during the preamble and is ready for the data
portion.
Figure 13. Preamble Length
− Too Short
Figure 14. Preamble Length
− Sufficient
Antenna and RF Port Connections
The evaluation board offers two options of injecting the
RF input signal: through a PCB antenna or through a 50
Ω
SMA
connector.
The
SMA
connection
allows
for
conductive testing, or an external antenna.
Low-Noise Amplifier Input Matching
Capacitor C3 and inductor L2 form the “L” shape input
matching network to the SMA connector. The capacitor
cancels out the inductive portion of the net impedance
after
the
shunt
inductor,
and
provides
additional
attenuation for low-frequency outside band noise.
The
inductor is chosen to over resonate the net capacitance
at the pin, leaving a net-positive reactance and increasing
the real part of the impedance. It also provides additional
ESD protection for the antenna pin. The input impedance
of the device is listed in Table 12 to aid calculation of
matching values. Note that the net impedance at the pin
is easily affected by component pads parasitic due to the
high input impedance of the device. The numbers in
Table 12 does NOT include trace and component pad
parasitic capacitance, which total about 0.75pF on the
evaluation board.
The matching components to the PCB antenna (L3 and
C9)
were
empirically
derived
for
best
over-the-air
reception range.
Table 11. Input Impedance for the Most Used Frequencies
Frequency (MHz)
Z Device (
Ω)
418
8.98
− j152
433.92
13.5
− j149
Crystal Selection
The crystal resonator provides a reference clock for all
the device internal circuits. Crystal tolerance needs to be
chosen such that the down-converted signal is always
inside the IF bandwidth of MICRF229.
From this
consideration, the tolerance should be
±50ppm on both
the transmitter and the MICRF229 side. The ESR should
be less than 300Ω, and the temperature range of the
crystal
should
match
the
range
required
by
the
application. With the Abracon crystal listed in the Bill of
Materials, a typical MICRF229 crystal oscillator still starts
up at 105
°
C with additional 400Ω series resistance.
The oscillator of the MICRF229 is a Pierce-type oscillator.
Good care must be taken when laying out the printed
circuit board. Avoid long traces and place the ground
plane on the top layer close to the REFOSC pins RO1
and RO2. When care is not taken in the layout, and the
crystals used are not verified, the oscillator may not start
or takes longer to start. Time-to-good-data will be longer
as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com