Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF229 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF229 Datasheet HTML 14Page - Micrel Semiconductor MICRF229 Datasheet HTML 15Page - Micrel Semiconductor MICRF229 Datasheet HTML 16Page - Micrel Semiconductor MICRF229 Datasheet HTML 17Page - Micrel Semiconductor MICRF229 Datasheet HTML 18Page - Micrel Semiconductor MICRF229 Datasheet HTML 19Page - Micrel Semiconductor MICRF229 Datasheet HTML 20Page - Micrel Semiconductor MICRF229 Datasheet HTML 21Page - Micrel Semiconductor MICRF229 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
18
Revision 1.0
PCB Considerations and Layout
The MICRF229 evaluation board is a good starting point
for prototyping of most applications. The Gerber files are
downloadable from the Micrel website and contain the
remaining layers needed to fabricate this board. When
copying or making one’s own boards, make the traces as
short as possible. Long traces alter the matching network
and the values suggested are no longer valid. Suggested
matching values may vary due to PCB variations. A PCB
trace 100 mils (2.5mm) long has about 1.1nH inductance.
Optimization should always be done with range tests.
Make sure the individual ground connection has a
dedicated via rather than sharing a few of ground points
by a single via. Sharing ground via will increase the
ground path inductance. Ground plane should be solid
and with no sudden interruptions. Avoid using ground
plane on top layer next to the matching elements. It
normally
adds
additional
stray
capacitance
which
changes the matching. Do not use Phenolic materials as
they are conductive above 200MHz. Typically, FR4 or
better materials are recommended. The RF path should
be
as
straight
as
possible
to
avoid
loops
and
unnecessary turns. Separate ground and VDD lines from
other digital or switching power circuits (such as
microcontrollers, etc.). Known sources of noise should be
laid out as far as possible from the RF circuits. Avoid
unnecessary
wide
traces
which
would
add
more
distribution capacitance (between top trace to bottom
GND plane) and alter the RF parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com