Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 56Page - Dallas Semiconductor DS2155 Datasheet HTML 57Page - Dallas Semiconductor DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor DS2155 Datasheet HTML 63Page - Dallas Semiconductor DS2155 Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 262 page
background image
DS2156
60 of 262
Table 8-A. T1 Alarm Criteria
ALARM
SET CRITERIA
CLEAR CRITERIA
Blue Alarm (AIS)
(Note 1)
When over a 3ms window, five or
fewer 0s are received
When over a 3ms window, six or
more 0s are received
Yellow Alarm (RAI)
D4 Bit 2 Mode
(T1RCR2.0 = 0)
When bit 2 of 256 consecutive
channels is set to 0 for at least 254
occurrences
When bit 2 of 256 consecutive
channels is set to 0 for fewer than
254 occurrences
D4 12th F-Bit Mode
(T1RCR2.0 = 1; this mode is also
referred to as the “Japanese Yellow
Alarm”)
When the 12th framing bit is set to 1
for two consecutive occurrences
When the 12th framing bit is set to
0 for two consecutive occurrences
ESF Mode
When 16 consecutive patterns of
00FF appear in the FDL
When 14 or fewer patterns of 00FF
hex out of 16 possible appear in the
FDL
Red Alarm (LRCL)
(Also referred to as loss of signal)
When 192 consecutive 0s are
received
When 14 or more 1s out of 112
possible bit positions are received
Note 1: The definition of Blue Alarm (or AIS) is an unframed all-ones signal. Blue Alarm detectors should be able to operate properly in the
presence of a 10E-3 error rate and they should not falsely trigger on a framed all-1s signal. Blue Alarm criteria in the DS2156 has been
set to achieve this performance. It is recommended that the RBL bit be qualified with the RLOS bit.
Note 2: ANSI specifications use a different nomenclature than the DS2156 does. The following terms are equivalent:
RBL = AIS
RCL = LOS
RLOS = LOF
RYEL = RAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com