Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 36Page - Dallas Semiconductor DS2155 Datasheet HTML 37Page - Dallas Semiconductor DS2155 Datasheet HTML 38Page - Dallas Semiconductor DS2155 Datasheet HTML 39Page - Dallas Semiconductor DS2155 Datasheet HTML 40Page - Dallas Semiconductor DS2155 Datasheet HTML 41Page - Dallas Semiconductor DS2155 Datasheet HTML 42Page - Dallas Semiconductor DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 262 page
background image
DS2156
40 of 262
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
54
R/W
Transmit Signaling Register 5
TS5
97
55
R/W
Transmit Signaling Register 6
TS6
97
56
R/W
Transmit Signaling Register 7
TS7
97
57
R/W
Transmit Signaling Register 8
TS8
97
58
R/W
Transmit Signaling Register 9
TS9
97
59
R/W
Transmit Signaling Register 10
TS10
97
5A
R/W
Transmit Signaling Register 11
TS11
97
5B
R/W
Transmit Signaling Register 12
TS12
97
5C
R/W
Transmit Signaling Register 13
TS13
97
5D
R/W
Transmit Signaling Register 14
TS14
97
5E
R/W
Transmit Signaling Register 15
TS15
97
5F
R/W
Transmit Signaling Register 16
TS16
97
60
R
Receive Signaling Register 1
RS1
92
61
R
Receive Signaling Register 2
RS2
92
62
R
Receive Signaling Register 3
RS3
92
63
R
Receive Signaling Register 4
RS4
92
64
R
Receive Signaling Register 5
RS5
92
65
R
Receive Signaling Register 6
RS6
92
66
R
Receive Signaling Register 7
RS7
92
67
R
Receive Signaling Register 8
RS8
92
68
R
Receive Signaling Register 9
RS9
92
69
R
Receive Signaling Register 10
RS10
92
6A
R
Receive Signaling Register 11
RS11
92
6B
R
Receive Signaling Register 12
RS12
92
6C
R
Receive Signaling Register 13
RS13
92
6D
R
Receive Signaling Register 14
RS14
92
6E
R
Receive Signaling Register 15
RS15
92
6F
R
Receive Signaling Register 16
RS16
92
70
R/W
Common Control Register 1
CCR1
68
71
R/W
Common Control Register 2
CCR2
221
72
R/W
Common Control Register 3
CCR3
222
73
R/W
Common Control Register 4
CCR4
223
74
R/W
Transmit Channel Monitor Select
TDS0SEL
87
75
R
Transmit DS0 Monitor Register
TDS0M
87
76
R/W
Receive Channel Monitor Select
RDS0SEL
88
77
R
Receive DS0 Monitor Register
RDS0M
88
78
R/W
Line Interface Control 1
LIC1
153
79
R/W
Line Interface Control 2
LIC2
154
7A
R/W
Line Interface Control 3
LIC3
155
7B
R/W
Line Interface Control 4
LIC4
156
7C
7D
7E
W
Idle Array Address Register
IAAR
104
7F
R/W
Per-Channel Idle Code Value Register
PCICR
104
80
R/W
Transmit Idle Code Enable Register 1
TCICE1
105
81
R/W
Transmit Idle Code Enable Register 2
TCICE2
105
82
R/W
Transmit Idle Code Enable Register 3
TCICE3
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com