Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 46 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 46 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 42Page - Dallas Semiconductor DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor DS2155 Datasheet HTML 45Page - Dallas Semiconductor DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor DS2155 Datasheet HTML 49Page - Dallas Semiconductor DS2155 Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 262 page
background image
DS2156
46 of 262
Register Name:
PCDR1
Register Description:
Per-Channel Data Register 1
Register Address:
29h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Register Name:
PCDR2
Register Description:
Per-Channel Data Register 2
Register Address:
2Ah
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
Register Name:
PCDR3
Register Description:
Per-Channel Data Register 3
Register Address:
2Bh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
Register Name:
PCDR4
Register Description:
Per-Channel Data Register 4
Register Address:
2Ch
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
—
Default
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com