Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 40Page - Dallas Semiconductor DS2155 Datasheet HTML 41Page - Dallas Semiconductor DS2155 Datasheet HTML 42Page - Dallas Semiconductor DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor DS2155 Datasheet HTML 45Page - Dallas Semiconductor DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 262 page
background image
DS2156
44 of 262
4.2
UTOPIA Bus Registers
When the UTOPIA bus is enabled, register space 50h–6A is mapped to the UTOPIA function.
Table 4-B. UTOPIA Register Map
ADDRESS
xxh
R/W
REGISTER
SYMBOL
PAGE
50
R/W
Transmit Configuration Register
U_TCFR
181
51
R/W
Transmit PMON Counter-Latch Enable Register
U_TPCLE
182
52
W
Transmit Assigned Cell Counter MSB
U_TACC1
182
53
R
Transmit Assigned Cell Counter LSB
U_TACC2
182
54
R
Transmit Idle/Unassigned Payload Byte
U_TIUPB
183
55
R/W
Transmit HEC Error-Insertion Pattern
U_THEPR
183
56
R/W
Transmit Control Register 1
U_TCR1
184
57
R/W
Transmit Control Register 2
U_TCR2
185
58, 59,
5A–5F
—
Reserved
—
—
60
R/W
Receive Configuration Register
U_RCFR
185
61
R/W
Receive LCD Integration Period Register
U_RLCDIP
186
62
R/W
Receive PMON Counter-Latch Enable Register
U_RPCE
186
63
W
Receive Correctable HEC Latch Register
U_RCHEC
187
64
R
Receive Uncorrectable HEC MSB
U_RUHEC1
187
65
R
Receive Uncorrectable HEC LSB
U_RUHEC2
187
66
R
Receive Assigned Cell Counter MSB
U_RACC1
188
67
R
Receive Assigned Cell Counter LSB
U_RACC2
188
68
R
Receive Status Register
U_RSR
189
69
R
Receive Control Register 1
U_RCR1
190
6A
R/W
Receive Control Register 2
U_RCR2
191
6B–6F
—
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com