Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2155 Datasheet(PDF) 61 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 61 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 57Page - Dallas Semiconductor DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor DS2155 Datasheet HTML 63Page - Dallas Semiconductor DS2155 Datasheet HTML 64Page - Dallas Semiconductor DS2155 Datasheet HTML 65Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 262 page
background image
DS2156
61 of 262
9. E1 FRAMER/FORMATTER CONTROL AND STATUS REGISTERS
The E1 framer portion of the DS2156 is configured by a set of four control registers. Typically, the
control registers are only accessed when the system is first powered up. Once the DS2156 has been
initialized, the control registers need only to be accessed when there is a change in the system
configuration. There are two receive control registers (E1RCR1 and E1RCR2) and two transmit control
registers (E1TCR1 and E1TCR2). There are also four status and information registers. Each of these eight
registers is described in this section.
9.1
E1 Control Registers
Register Name:
E1RCR1
Register Description:
E1 Receive Control Register 1
Register Address:
33h
Bit #
7
6
5
4
3
2
1
0
Name
RSERC
RSIGM
RHDB3
RG802
RCRC4
FRC
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0/Resync (RESYNC). When toggled from low to high, a resync is initiated. Must be cleared and set again for a
subsequent resync.
Bit 1/Sync Enable (SYNCE)
0 = auto resync enabled
1 = auto resync disabled
Bit 2/Frame Resync Criteria (FRC)
0 = resync if FAS received in error three consecutive times
1 = resync if FAS or bit 2 of non-FAS is received in error three consecutive times
Bit 3/Receive CRC4 Enable (RCRC4)
0 = CRC4 disabled
1 = CRC4 enabled
Bit 4/Receive G.802 Enable (RG802). See Section 16 for details.
0 = do not force RCHBLK high during bit 1 of time slot 26
1 = force RCHBLK high during bit 1 of time slot 26
Bit 5/Receive HDB3 Enable (RHDB3)
0 = HDB3 disabled
1 = HDB3 enabled
Bit 6/Receive Signaling Mode Select (RSIGM)
0 = CAS signaling mode
1 = CCS signaling mode
Bit 7/RSER Control (RSERC)
0 = allow RSER to output data as received under all conditions
1 = force RSER to 1 under loss-of-frame alignment conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com